Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS175DR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LS175DR
Description  HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LS175DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LS175DR Datasheet HTML 4Page - Texas Instruments SN74LS175DR Datasheet HTML 5Page - Texas Instruments SN74LS175DR Datasheet HTML 6Page - Texas Instruments SN74LS175DR Datasheet HTML 7Page - Texas Instruments SN74LS175DR Datasheet HTML 8Page - Texas Instruments SN74LS175DR Datasheet HTML 9Page - Texas Instruments SN74LS175DR Datasheet HTML 10Page - Texas Instruments SN74LS175DR Datasheet HTML 11Page - Texas Instruments SN74LS175DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
JM38510/30107BFA
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
30107BFA
JM38510/30107BFA.A
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
30107BFA
M38510/07105BEA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
07105BEA
M38510/07105BFA
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
07105BFA
M38510/07106BEA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
07106BEA
M38510/30106B2A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
30106B2A
M38510/30106BEA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
30106BEA
M38510/30106BFA
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
30106BFA
M38510/30107B2A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
30107B2A
M38510/30107BEA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
30107BEA
M38510/30107BFA
Active
Production
CFP (W) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510/
30107BFA
SN54LS174J
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54LS174J
SN54LS174J.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54LS174J
SN54LS175J
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54LS175J
SN54LS175J.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54LS175J
SN54S174J
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54S174J
SN54S174J.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54S174J
SN54S175J
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54S175J
SN54S175J.A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
SN54S175J
SN74LS174D
Obsolete
Production
SOIC (D) | 16
-
-
Call TI
Call TI
0 to 70
LS174
SN74LS174DR
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
LS174
SN74LS174DR.A
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
LS174
SN74LS174N
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
SN74LS174N
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com