Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL2Y94-2S Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SPL2Y94-2S
Description  Laser Diode in TO-220 Package 2.0 W cw
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL2Y94-2S Datasheet(HTML) 4 Page - OSRAM GmbH

  SPL2Y94-2S Datasheet HTML 1Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 2Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 3Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 4Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 5Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 6Page - OSRAM GmbH SPL2Y94-2S Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2007-04-13
4
SPL 2Y94-2S
NTC Thermistor
R
T = R0 × exp (B × (1/T – 1/T0))
R
0 = 10 kΩ ± 3%, T0 = 25 °C = 298 K, B = 3730 K
Thermischer Widerstand
(pn-Übergang
→ Wärmesenke)
Thermal resistance (junction
→ heat sink)
R
th JA
–
5
–
K/W
1)
Standardbetriebsbedingungen beziehen sich auf 2 W cw optische Ausgangsleistung.
Standard operating conditions refer to 2 W cw optical output power.
2)
Optische Leistungen werden mit einer Ulbrichtkugel gemessen.
Optical power measurements refer to an integrating sphere.
3)
Modelle zur Bestimmung des thermischen Verhaltens bzgl. des Schwellstroms:
I
th(T2) = Ith(T1) × exp (T2 – T1)/T0
Model for the thermal behavior of threshold current:
I
th(T2) = Ith(T1) × exp (T2 – T1)/T0
Diodenkennwerte (
T
A = 25 °C)
Diode Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Values
Einheit
Unit
min.
typ.
max.
OHL01668
0
NTC
R
T
350
250
200
50
100
150
k
Ω
-40 -20
0
20
60
40
˚C 100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com