Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W21 Datasheet(PDF) 1 Page - TT Electronics.

Part # W21
Description  Vitreous Enamelled Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

W21 Datasheet(HTML) 1 Page - TT Electronics.

  W21 Datasheet HTML 1Page - TT Electronics. W21 Datasheet HTML 2Page - TT Electronics. W21 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vitreous Enamelled
Wirewound Resistors
W20 Series
CECC approved
Suitable for harsh environments
Impervious lead free vitreous enamel coating
Overload characteristics ideal for protection circuits
High stability and reliability
High power dissipation for size
Vitreous Enamelled
Wirewound Resistors
W20 Series
• CECC approved
• Suitable for harsh environments
• Impervious lead free vitreous enamel coating
• Overload characteristics ideal
for protection circuits
• High stability and reliability
• High power dissipation for size
Dimensions (mm) and Weight (g)
Type
L max
D max
f min
d nom
Wt.nom
W21
12.7
5.6
22.75
0.8
1
W215
22.0
7.0
23.1
0.8
2
W22
22.0
8.0
23.1
0.8
2
W23
38.0
8.0
-
0.8
3.5
W24
53.5
8.0
-
0.8
5
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
This table indicates the CECC specification requirements, and these are met or exceeded by the corresponding W20 series products
4
2
W
3
2
W
2
2
W
5
1
2
W
1
2
W
l
a
i
c
r
e
m
m
o
C
0
.
4
1
5
.
0
1
0
.
7
0
.
5
0
.
3
s
t
t
a
w
C
°
5
2
t
a
g
n
it
a
r
r
e
w
o
P
K
0
0
1
o
t
R
1
K
0
6
o
t
R
1
K
2
2
o
t
R
1
K
5
1
o
t
R
1
K
0
1
o
t
R
1
s
m
h
o
e
c
n
a
r
e
l
o
t
%
1
t
a
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
K
0
0
1
o
t
R
1
K
0
6
o
t
R
1
K
2
2
o
t
5
R
0
K
5
1
o
t
5
R
0
K
0
1
o
t
5
R
0
s
m
h
o
e
c
n
a
r
e
l
o
t
%
2
K
0
0
1
o
t
2
R
0
K
0
6
o
t
5
1
R
0
K
2
2
o
t
1
R
0
K
5
1
o
t
1
R
0
K
0
1
o
t
1
R
0
s
m
h
o
e
c
n
a
r
e
l
o
t
%
5
+
<
:
y
ll
a
c
i
p
y
T
C
°
m/
p
p
)
C
°
0
0
2
o
t
°
5
5
-
(
R
C
T
-75
Maximum: +-200
BS CECC 40-201-002 Requirements
Style
JB
HB
KB
LB
MB
0
.
4
1
5
.
0
1
0
.
7
0
.
5
9
.
2
s
t
t
a
w
C
°
5
2
t
a
g
n
it
a
r
r
e
w
o
P
0
.
2
1
0
.
9
0
.
6
3
.
4
5
.
2
s
t
t
a
w
C
°
0
7
t
a
g
n
it
a
r
r
e
w
o
P
K
0
0
1
o
t
R
1
K
6
5
o
t
R
1
K
0
2
o
t
R
1
K
5
1
o
t
R
1
K
0
1
o
t
R
1
s
m
h
o
e
c
n
a
r
e
l
o
t
%
1
t
a
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
K
0
0
1
o
t
R
1
K
6
5
o
t
R
1
K
0
2
o
t
5
R
0
K
5
1
o
t
5
R
0
K
0
1
o
t
5
R
0
s
m
h
o
e
c
n
a
r
e
l
o
t
%
2
K
0
0
1
o
t
2
R
0
K
6
5
o
t
5
1
R
0
K
0
2
o
t
1
R
0
K
5
1
o
t
1
R
0
K
0
1
o
t
1
R
0
s
m
h
o
e
c
n
a
r
e
l
o
t
%
5
C
°
/
m
p
p
)
C
°
0
0
2
o
t
°
5
5
-
(
R
C
T
≥5 ohms < 10 ohms: ±400
≥10 ohms: ±200
Applicable to commercial and approved ranges
0
5
7
0
0
5
0
0
2
0
6
1
0
0
1
s
tl
o
v
e
g
a
tl
o
v
t
n
e
m
e
l
e
g
n
it
i
m
i
L
r
e
d
r
o
l
a
i
c
e
p
s
o
t
s
e
u
l
a
v
r
e
h
t
O
.
d
e
r
r
e
f
e
r
p
4
2
E
s
e
u
l
a
v
d
r
a
d
n
a
t
S
2
2
9
2
4
4
8
5
8
8
t
t
a
w
/
C
°
e
c
n
a
d
e
p
m
i
l
a
m
r
e
h
T
0
0
2
o
t
5
5
-
C
°
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
Electrical Data
Physical Data
A subsidiary of
TT electronics plc
Welwyn Components
L
D
f
d
Construction
A high purity ceramic substrate is assembled with interference fit end caps to which are
welded the termination wires. The resistive element is wound on the substrate and welded to
the caps; the vitreous enamel protective coating is then applied.
Terminations
Material
Copper clad steel wire, nickel plated and solder-coated.
Strength
The terminations meet the requirements of IEC 68.2.21.
Solderability The terminations meet the requirements of IEC 115-1,– Clause 4.17.3.2.
Length
W23’s and W24’s are not supplied on tape. Minimum lead length is 30 mm.
Marking
The resistors are legend marked with type reference, resistance value and tolerance. Values are
marked in accordance with IEC 62.
0
5
10
15
20
W21
W215
W22
W24
W23
400
300
200
100
0
Dissipation – Watts
t OM| ` KèñÇ==OULQLMP==NMWNV=~ã==m~ÖÉ=N
10.19
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
Resistors
OBSOLETE (W215 only)


Similar Part No. - W21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W21 ETC1-W21 Datasheet
100Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W21 WELWYN-W21 Datasheet
80Kb / 2P
Vitreous Enamelled Wirewound Resistors
W21 WELWYN-W21 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W21 TTELEC-W21 Datasheet
597Kb / 3P
Vitreous Enamelled Wirewound Resistors
06.18
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
More results

Similar Description - W21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W20 ETC1-W20 Datasheet
100Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
W20 WELWYN-W20 Datasheet
80Kb / 2P
Vitreous Enamelled Wirewound Resistors
V700 WELWYN-V700 Datasheet
141Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
IRC - a TT electronics ...
W219K1JA IRCTT-W219K1JA Datasheet
227Kb / 4P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
W20 WELWYN-W20_V01 Datasheet
558Kb / 3P
Vitreous Enamelled Wirewound Resistors
2011/65/EU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com