Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C01APIG Datasheet(PDF) 7 Page - IC MICROSYSTEMS

Part # X24C01APIG
Description  Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01APIG Datasheet(HTML) 7 Page - IC MICROSYSTEMS

Back Button X24C01APIG Datasheet HTML 3Page - IC MICROSYSTEMS X24C01APIG Datasheet HTML 4Page - IC MICROSYSTEMS X24C01APIG Datasheet HTML 5Page - IC MICROSYSTEMS X24C01APIG Datasheet HTML 6Page - IC MICROSYSTEMS X24C01APIG Datasheet HTML 7Page - IC MICROSYSTEMS X24C01APIG Datasheet HTML 8Page - IC MICROSYSTEMS X24C01APIG Datasheet HTML 9Page - IC MICROSYSTEMS X24C01APIG Datasheet HTML 10Page - IC MICROSYSTEMS X24C01APIG Datasheet HTML 11Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
X24C01A
7
Sequential Read
Sequential Read can be initiated as either a current
address read or random access read. The first word is
transmitted as with the other modes, however, the
master now responds with an acknowledge, indicating it
requires additional data. The X24C01A continues to
output data for each acknowledge received. The read
operation is terminated by the master, by not responding with
an acknowledge and by issuing a stop condition.
The data output is sequential, with the data from address n
followed by the data from n + 1. The address counter
for read operations increments all address bits, allowing the
entire memory contents to be serially read during
one operation. At the end of the address space (address 127),
the counter “rolls over” to address 0 and the
X24C01A continues to output data for each acknowledge
received. Refer to Figure 9 for the address, acknowledge
and data transfer sequence.
Figure 9. Sequential Read
Figure 10. Typical System Configuration
3841 FHD F14
3841 FHD F15
MASTER
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
SLAVE
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
MASTER
TRANSMITTER/
RECEIVER
SDA
SCL
V
CC
BUS ACTIVITY:
MASTER
SDA LINE
BUS ACTIVITY:
X24C01A
SLAVE
ADDRESS
A
C
K
A
C
K
DATA n+x
S
T
O
P
P
DATA n
A
C
K
DATA n+1
A
C
K
DATA n+2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com