Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2183 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2183
Description  Blank SMT Storage Pages for 12 strips of 8mm Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2183 Datasheet(HTML) 2 Page - Adafruit Industries

  2183 Datasheet HTML 1Page - Adafruit Industries 2183 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
These five blank pages are designed for keeping taped parts, specifically for 8mm
tape (the most common size of tape by far). Each page has 12 rows or slots that
you can slide your tape into. The slots are 3.5" long.
These pages are meant for our Blank SMT Storage Book
(https://www.adafruit.com/products/520).
We also carry pages for 24mm tape (or smaller)
(http://www.adafruit.com/products/2184).
Page 2 of 2
2/23/2015
http://www.adafruit.com/products/2183



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com