Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4 Datasheet(PDF) 32 Page - TEKTRONIX, INC.

Part # SC4
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC4 Datasheet(HTML) 32 Page - TEKTRONIX, INC.

Back Button SC4 Datasheet HTML 28Page - TEKTRONIX, INC. SC4 Datasheet HTML 29Page - TEKTRONIX, INC. SC4 Datasheet HTML 30Page - TEKTRONIX, INC. SC4 Datasheet HTML 31Page - TEKTRONIX, INC. SC4 Datasheet HTML 32Page - TEKTRONIX, INC. SC4 Datasheet HTML 33Page - TEKTRONIX, INC. SC4 Datasheet HTML 34Page - TEKTRONIX, INC. SC4 Datasheet HTML 35Page - TEKTRONIX, INC. SC4 Datasheet HTML 36Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Local Language User Interface
English, Japanese, Simplified Chinese, Traditional Chinese, French, German, Italian, Spanish, Portuguese, Russian, Korean
Local Language Help
English, Japanese, Simplified Chinese
Arbitrary-Function Generator (optional)
Function types
Arbitrary, sine, square, pulse, ramp, triangle, DC level, Gaussian, Lorentz, exponential rise/fall, sin(x)/x, random noise, Haversine,
Cardiac
Sine waveform
Frequency range
0.1 Hz to 50 MHz
Frequency setting resolution
0.1 Hz
Frequency accuracy
130 ppm (frequency ≤ 10 kHz), 50 ppm (frequency > 10 kHz)
This is for Sine, Ramp, Square and Pulse waveforms only.
Amplitude range
20 mVpp to 5 Vpp into Hi-Z; 10 mVpp to 2.5 Vpp into 50 Ω
Amplitude flatness, typical
±0.5 dB at 1 kHz
±1.5 dB at 1 kHz for < 20 mVpp amplitudes
Total harmonic distortion,
typical
1% for amplitude ≥ 200 mVpp into 50 Ω load
2.5% for amplitude > 50 mV AND < 200 mVpp into 50 Ω load
This is for Sine wave only.
Spurious free dynamic range,
typical
40 dB (Vpp ≥ 0.1 V); 30 dB (Vpp ≥ 0.02 V), 50 Ω load
Square and pulse waveform
Frequency range
0.1 Hz to 25 MHz
Frequency setting resolution
0.1 Hz
Frequency accuracy
130 ppm (frequency ≤ 10 kHz), 50 ppm (frequency > 10 kHz)
Amplitude range
20 mVpp to 5 Vpp into Hi-Z; 10 mVpp to 2.5 Vpp into 50 Ω
Duty cycle range
10% - 90% or 10 ns minimum pulse, whichever is larger
Minimum pulse time applies to both on and off time, so maximum duty cycle will reduce at higher frequencies to maintain 10 ns off
time
Duty cycle resolution
0.1%
Minimum pulse width, typical
10 ns. This is the minimum time for either on or off duration.
Rise/Fall time, typical
5.5 ns, 10% - 90%
Pulse width resolution
100 ps
Overshoot, typical
< 4% for signal steps greater than 100 mVpp
This applies to overshoot of the positive-going transition (+overshoot) and of the negative-going (-overshoot) transition
Asymmetry, typical
±1% ±5 ns, at 50% duty cycle
Jitter, typical
< 60 ps TIERMS, ≥ 100 mVpp amplitude, 40%-60% duty cycle
Ramp and triangle waveform
Frequency range
0.1 Hz to 500 kHz
Frequency setting resolution
0.1 Hz
Frequency accuracy
130 ppm (frequency ≤ 10 kHz), 50 ppm (frequency > 10 kHz)
Amplitude range
20 mVpp to 5 Vpp into Hi-Z; 10 mVpp to 2.5 Vpp into 50 Ω
Variable symmetry
0% - 100%
Symmetry resolution
0.1%
Datasheet
Display
32 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com