Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSO/DPO5204/B Datasheet(PDF) 6 Page - TEKTRONIX, INC.

Part # MSO/DPO5204/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5204/B Datasheet(HTML) 6 Page - TEKTRONIX, INC.

Back Button MSO/DPO5204/B Datasheet HTML 2Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 3Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 4Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 5Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 6Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 7Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 8Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 9Page - TEKTRONIX, INC. MSO/DPO5204/B Datasheet HTML 10Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Easy validation of Bluetooth transmitter with push button preset, pass/fail information and
clear correlation between displays.
Mapping
The MAP application enables interference hunting and location analysis.
Locate interference with an azimuth function that lets you draw a line or an
arrow on a mapped measurement to indicate the direction your antenna
was pointing when you took a measurement. You can also create and
display measurement labels.
Mapped channel power readings using the azimuth function.
LTE FDD and TDD base station transmitter
RF testing
Option SV28 enables the following LTE measurements:
Cell ID
Channel Power
Occupied Bandwidth
Adjacent Channel Leakage Ratio (ACLR)
Spectrum Emission Mask (SEM)
Transmitter Off Power for TDD
There are four presets to accelerate pre-compliance testing and determine
the Cell ID. These presets are defined as Cell ID, ACLR, SEM, Channel
Power and TDD Toff Power. The measurements follow the definition in
3GPP TS Version 12.5 and support all base station categories, including
picocells and femtocells. Pass/Fail information is reported and all channel
bandwidths are supported.
The Cell ID preset displays the Primary Synchronization Signal (PSS) and
the Secondary Synchronization Signal (SSS) in a Constellation diagram. It
also provides Frequency Error.
The ACLR preset measures the E-UTRA and the UTRA adjacent channels,
with different chip rates for UTRA. ACLR also supports Noise Correction
based on the noise measured when there is no input. Both ACLR and SEM
will operate in swept mode (default) or in faster single acquisition if the
instrument has enough acquisition bandwidth.
Fast validation of LTE base station transmitter with push button preset, and pass/fail
information
SignalVu-PC-SVE Vector Signal Analysis Software
6 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com