| Electronic Components Datasheet Search |
|
X76F640AG Datasheet(PDF) 2 Page - IC MICROSYSTEMS |
|
|
|||||||||||||||||||||||||||||
X76F640AG Datasheet(HTML) 2 Page - IC MICROSYSTEMS |
|
2 / 17 page ![]() X76F640 2 PIN DESCRIPTIONS Serial Clock (SCL) The SCL input is used to clock all data into and out of the device. Serial Data (SDA) SDA is a true three state serial data input/output pin. Dur- ing a read cycle, data is shifted out on this pin. During a write cycle, data is shifted in on this pin. In all other cases, this pin is in a high impedance state. Chip Enable (CS) When CS is high, the X76F640 is deselected and the SDA pin is at high impedance and unless an internal write operation is underway, the X76F640 will be in standby mode. CS low enables the X76F640, placing it in the active mode. Reset (RST) RST is a device reset pin. When RST is pulsed high while CS is low the X76F640 will output 32 bits of fixed data which conforms to the standard for “synchronous response to reset”. CS must remain LOW and the part must not be in a write cycle for the response to reset to occur. See Figure 11. If at any time during the response to reset CS goes HIGH, the response to reset will be aborted and the part will return to the standby state. The response to reset is "mask programmable" only! DEVICE OPERATION There are two primary modes of operation for the X76F640; Protected READ and protected WRITE. Protected operations must be performed with one of four 8-byte passwords. The basic method of communication for the device is established by first enabling the device (CS LOW), gen- erating a start condition, then transmitting a command, followed by the correct password. All parts will be shipped from the factory with all passwords equal to ‘0’. The user must perform ACK Polling to determine the validity of the password, before starting a data transfer (see Acknowledge Polling.) Only after the correct pass- word is accepted and a ACK polling has been performed, can the data transfer occur. To ensure the correct communication, RST must remain LOW under all conditions except when running a “Response to Reset sequence”. Data is transferred in 8-bit segments, with each transfer being followed by an ACK, generated by the receiving device. If the X76F640 is in a nonvolatile write cycle a “no A CK” (SDA=High) response will be issued in response to load- ing of the command byte. If a stop is issued prior to the nonvolatile write cycle the write operation will be termi- nated and the part will reset and enter into a standby mode. The basic sequence is illustrated in Figure 1. PIN NAMES PIN CONFIGURATION After each transaction is completed, the X76F640 will reset and enter into a standby mode. This will also be the response if an unsuccessful attempt is made to access a protected array. Symbol Description CS Chip Select Input SDA Serial Data Input/Output SCL Serial Clock Input RST Reset Input Vcc Supply Voltage Vss Ground NC No Connect CS SDA VCC RST SCL NC 1 2 3 4 7 8 6 5 SOIC VCC RST SCL VSS NC SDA Smart Card CS NC 7025 FM 02 NC GND 7025 FM T01 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |