Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSO/DPO5034/B Datasheet(PDF) 9 Page - TEKTRONIX, INC.

Part # MSO/DPO5034/B
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO5034/B Datasheet(HTML) 9 Page - TEKTRONIX, INC.

Back Button MSO/DPO5034/B Datasheet HTML 5Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 6Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 7Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 8Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 9Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 10Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 11Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 12Page - TEKTRONIX, INC. MSO/DPO5034/B Datasheet HTML 13Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AM/FM/PM modulation and audio
measurements
(SVA)
Carrier power, frequency error,
modulation frequency, modulation
parameters (±peak, peak-peak/2, RMS),
SINAD, modulation distortion, S/N, THD,
TNHD, hum and noise.
Settling time (frequency and phase)
(SVT)
Measured frequency, Settling time from
last settled frequency, Settling time from
last settled phase, Settling time from
trigger. Automatic or manual reference
frequency selection. User-adjustable
measurement bandwidth, averaging,
and smoothing. Pass/Fail mask testing
with 3 user-settable zones.
Advanced Pulse analysis
(SVP)
Pulse-Ogram™ waterfall display of
multiple segmented captures, with
amplitude vs time and spectrum of each
pulse. Pulse frequency, Delta
Frequency, Average on power, Peak
power, Average transmitted power,
Pulse width, Rise time, Fall time,
Repetition interval (seconds), Repetition
interval (Hz), Duty factor (%), Duty factor
(ratio), Ripple (dB), Ripple (%), Droop
(dB), Droop (%), Overshoot (dB),
Overshoot (%), Pulse- Ref Pulse
frequency difference, Pulse- Ref Pulse
phase difference, Pulse- Pulse
frequency difference, Pulse- Pulse
phase difference, RMS frequency error,
Max frequency error, RMS phase error,
Max phase error, Frequency deviation,
Phase deviation, Impulse response (dB),
Impulse response (time), Time stamp.
Flexible OFDM analysis
(SVO)
OFDM analysis with support for WLAN
802.11a/g/j and WiMAX 802.16-2004.
Constellation, Scalar measurement
summary, EVM or power vs carrier,
Symbol table (Binary or Hexadecimal).
General purpose digital modulation
analysis
(SVM)
Error vector magnitude (EVM) (RMS,
Peak, EVM vs Time), Modulation error
ratio (MER), Magnitude Error (RMS,
peak, mag error vs time),Phase error
(RMS, Peak, Phase error vs time),
Origin offset, Frequency error, Gain
imbalance, Quadrature error, Rho,
Constellation, Symbol table.
FSK only: Frequency deviation, Symbol
timing error.
Playback of recorded files (SV56)
Playback of files recorded with one of
the USB spectrum analyzers (RSA306,
RSA500, or RSA600). Controls for file
selection, begin/end points. Rate
controls for skip-free or live-rate
playback.
LTE Downlink RF measurements (SV28) Presets for Cell ID, ACLR, SEM,
Channel Power and TDD Toff Power.
Supports TDD and FDD frame format
and all base stations defined by 3GPP
TS version 12.5. Results include Pass/
Fail information. Real-Time settings
make the ACLR and the SEM
measurements fast, if the connected
instrument has required bandwidth.
WiGig IEEE 802.11ad (Opt. SV30)
Presets for Control PHY and Single
Carrier PHY. Measures EVM in each of
the packet fields per the standard, and
decodes the header packet
information.RF power, Received
Channel Power Indicator, Frequency
error, IQ DC origin offset, IQ Gain and
Phase imbalance are reported in the
Summary display. Pass/Fail results are
reported using customizable limits.
Datasheet
www.tek.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com