Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC223 Datasheet(PDF) 3 Page - SYC Electronica

Part # MAC223
Description  MAC223 series Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MAC223 Datasheet(HTML) 3 Page - SYC Electronica

  MAC223 Datasheet HTML 1Page - SYC Electronica MAC223 Datasheet HTML 2Page - SYC Electronica MAC223 Datasheet HTML 3Page - SYC Electronica MAC223 Datasheet HTML 4Page - SYC Electronica MAC223 Datasheet HTML 5Page - SYC Electronica MAC223 Datasheet HTML 6Page - SYC Electronica MAC223 Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
July 2001
3
Rev 1.000
Philips Semiconductors
Product specification
Triacs
MAC223 series
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance
full cycle
-
-
1.0
K/W
junction to mounting base
half cycle
-
-
1.4
K/W
R
th j-a
Thermal resistance
in free air
-
60
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
GT
Gate trigger current
V
D = 12 V; IT = 0.1 A
T2+ G+
-
6
50
mA
T2+ G-
-
10
50
mA
T2- G-
-
11
50
mA
T2- G+
-
23
75
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
8
40
mA
T2+ G-
-
30
60
mA
T2- G-
-
18
40
mA
T2- G+
-
15
60
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
T2+
-
7
30
mA
T2-
-
12
30
mA
V
T
On-state voltage
I
T = 30 A
-
1.3
1.55
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A; Tj = 125 ˚C
0.25
0.4
-
V
I
D
Off-state leakage current
V
D = VDRM(max); Tj = 125 ˚C
-
0.1
0.5
mA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max); Tj = 125 ˚C;
100
300
-
V/
µs
off-state voltage
exponential waveform; gate open circuit
dV
com/dt
Critical rate of change of
V
DM = 400 V; Tj = 95 ˚C; IT(RMS) = 25 A;
-
10
-
V/
µs
commutating voltage
dI
com/dt = 9 A/ms; gate open circuit
t
gt
Gate controlled turn-on
I
TM = 30 A; VD = VDRM(max); IG = 0.1 A;
-
2
-
µs
time
dI
G/dt = 5 A/µs
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com