Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC97A6 Datasheet(PDF) 4 Page - SYC Electronica

Part # MAC97A6
Description  Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MAC97A6 Datasheet(HTML) 4 Page - SYC Electronica

  MAC97A6 Datasheet HTML 1Page - SYC Electronica MAC97A6 Datasheet HTML 2Page - SYC Electronica MAC97A6 Datasheet HTML 3Page - SYC Electronica MAC97A6 Datasheet HTML 4Page - SYC Electronica MAC97A6 Datasheet HTML 5Page - SYC Electronica MAC97A6 Datasheet HTML 6Page - SYC Electronica MAC97A6 Datasheet HTML 7Page - SYC Electronica MAC97A6 Datasheet HTML 8Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAC97 Series
http://onsemi.com
4
a
a
a = CONDUCTION ANGLE
0.5
0.6
0.7
0.8
0.1
0.2
0.3
0.4
0
110
100
90
80
70
60
IT(RMS), RMS ON−STATE CURRENT (AMPS)
T = 30°
60
°
90
°
DC
180
°
120
°
50
40
30
Figure 1. RMS Current Derating
Figure 2. RMS Current Derating
a
a
a = CONDUCTION ANGLE
0.25
0.3
0.35
0.4
0.05
0.1
0.15
0.2
0
90
80
70
60
50
40
IT(RMS), RMS ON−STATE CURRENT (AMPS)
30
20
100
110
T = 30°
60
°
90
°
DC
180
°
120
°
Figure 3. Power Dissipation
0.4
0.5
0.6
0.7
0
0.1
0.2
0.3
0.6
0.4
0.2
0
IT(RMS), RMS ON−STATE CURRENT (AMPS)
0.8
a
a
a = CONDUCTION ANGLE
0.8
1.0
1.2
T = 30°
60
°
90
°
DC
180
°
120
°
0.006
0.01
0.02
0.04
0.06
0.1
0.2
0.4
0.6
1.0
2.0
4.0
6.0
TJ = 110°C
25
°C
0.4
1.2
2.0
2.8
3.6
4.4
5.2
6.0
VTM, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
Figure 4. On−State Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com