Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN751730D.A Datasheet(PDF) 7 Page - Texas Instruments

Part # SN751730D.A
Description  TRIPLE LINE DRIVER/RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN751730D.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN751730D.A Datasheet HTML 3Page - Texas Instruments SN751730D.A Datasheet HTML 4Page - Texas Instruments SN751730D.A Datasheet HTML 5Page - Texas Instruments SN751730D.A Datasheet HTML 6Page - Texas Instruments SN751730D.A Datasheet HTML 7Page - Texas Instruments SN751730D.A Datasheet HTML 8Page - Texas Instruments SN751730D.A Datasheet HTML 9Page - Texas Instruments SN751730D.A Datasheet HTML 10Page - Texas Instruments SN751730D.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
3 V
0 V
Input
Output
VOH
VOL
Input
Output
1.3 V
1.3 V
3.05 V
1.4 V
0.15 V
1.4 V
VCC = 5 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
Ω
CL
(see Note B)
RL = 47.5 Ω
tw
tr
tf
tPHL
tPLH
Pulse
Generator
(see Note A)
NOTES: A. The pulse generator has the following characteristics: ZO ≈ 50 Ω, tw ≤ 500 ns, PRR ≤ 1 MHz, tf ≤ 6 ns, tr ≤ 15 ns.
B. CL includes probe and jig capacitance.
Input
Output
3 V
0 V
VOH
VOL
Input
Output
1.3 V
1.3 V
1.4 V
1.4 V
VOLTAGE WAVEFORMS
TEST CIRCUIT
CL = 15 pF
(see Note B)
1N3064X2
RL = 2 kΩ
VCC = 5 V
tw
tPHL
tPLH
Pulse
Generator
(see Note A)
NOTES: A.
The pulse generator has the following characteristics: ZO ≈ 50 Ω, tw ≤ 500 ns, PRR ≤ 1 MHz, tf ≤ 10 ns, tr ≤ 10 ns.
B.
CL includes probe and jig capacitance.
SN751730
TRIPLE LINE DRIVER/RECEIVER
SLLS062E – MAY 1990 – REVISED AUGUST 2007
Figure 1. Driver Test Circuit and Voltage Waveforms
Figure 2. Receiver Test Circuit and Voltage Waveforms
Copyright © 1990–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN751730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com