Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75372P.A Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75372P.A
Description  DUAL MOSFET DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75372P.A Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75372P.A Datasheet HTML 5Page - Texas Instruments SN75372P.A Datasheet HTML 6Page - Texas Instruments SN75372P.A Datasheet HTML 7Page - Texas Instruments SN75372P.A Datasheet HTML 8Page - Texas Instruments SN75372P.A Datasheet HTML 9Page - Texas Instruments SN75372P.A Datasheet HTML 10Page - Texas Instruments SN75372P.A Datasheet HTML 11Page - Texas Instruments SN75372P.A Datasheet HTML 12Page - Texas Instruments SN75372P.A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SN75372
DUAL MOSFET DRIVER
SLLS025A − JULY 1986
3−9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
A faster, more efficient drive circuit uses an active pullup as well as an active pulldown output configuration,
referred to as a totem-pole output. The SN75372 driver provides the high speed, totem-pole drive desired in
an application of this type, see Figure 13(a). The resulting faster switching speeds are shown in Figure 13(b).
5 V
TLC555P
1/2 SN75372
M
t − Time −
µs
(b)
(a)
IRF151
48 V
4
3
2
1
0
0
0.5
1
1.5
2
2.5
3
7
48
3
5
1
2
6
Figure 14. Power MOSFET Drive Using SN75372
Power MOSFET drivers must be capable of supplying high peak currents to achieve fast switching speeds as
shown by the equation
I
pk +
VC
tr
where C is the capacitive load, and tr is the desired drive time. V is the voltage that the capacitance is charged
to. In the circuit shown in Figure 13(a), V is found by the equation
V = VOH − VOL
Peak current required to maintain a rise time of 100 ns in the circuit of Figure 13(a) is
I
PK +
(3
* 0)4(10*9)
100(10*9)
+ 120 mA
Circuit capacitance can be ignored because it is very small compared to the input capacitance of the IRF151.
With a VCC of 5 V, and assuming worst-cast conditions, the gate drive voltage is 3 V.
For applications in which the full voltage of VCC2 must be supplied to the MOSFET gate, the SN75374 quad
MOSFET driver should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com