Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LP1185DW Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75LP1185DW
Description  LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN75LP1185DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LP1185DW Datasheet HTML 3Page - Texas Instruments SN75LP1185DW Datasheet HTML 4Page - Texas Instruments SN75LP1185DW Datasheet HTML 5Page - Texas Instruments SN75LP1185DW Datasheet HTML 6Page - Texas Instruments SN75LP1185DW Datasheet HTML 7Page - Texas Instruments SN75LP1185DW Datasheet HTML 8Page - Texas Instruments SN75LP1185DW Datasheet HTML 9Page - Texas Instruments SN75LP1185DW Datasheet HTML 10Page - Texas Instruments SN75LP1185DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SN75LP1185
LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS335A – JANUARY 1999 – REVISED JANUARY 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
IO
II
CL
VI
VO
Inputs
Outputs
tPLH
tPHL
tTLH
tTHL
4 V
0 V
VOH
VOL
VI
VO
50%
50%
50%
50%
90%
90%
10%
10%
tw
NOTES: A. The pulse generator has the following characteristics: tw = 4 µs, PRR = 250 kbit/s, ZO = 50 Ω, tr and tf < 50 ns.
B. CL includes probe and jig capacitance.
Figure 4. Receiver Parameter Test Circuit and Waveform
IO
II
VI
VO
Inputs
Outputs
VCC
GND
Figure 5. Receiver IOS Test
APPLICATION INFORMATION
Diodes placed in series with the VDD and VSS leads protect the SN75LP1185 in the fault condition when the device
outputs are shorted to
±15 V and the power supplies are at low voltage and provide low-impedance paths to ground
(see Figure 6).
SN75LP1185
Output
SN75LP1185
Output
VDD
VSS
Figure 6. Power-Supply Protection to Meet Power-Off Fault Conditions of TIA/EIA-232-F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com