Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24320PI Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # X24320PI
Description  400KHz 2-Wire Serial E2PROM with Block Lock
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24320PI Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  X24320PI Datasheet HTML 1Page - IC MICROSYSTEMS X24320PI Datasheet HTML 2Page - IC MICROSYSTEMS X24320PI Datasheet HTML 3Page - IC MICROSYSTEMS X24320PI Datasheet HTML 4Page - IC MICROSYSTEMS X24320PI Datasheet HTML 5Page - IC MICROSYSTEMS X24320PI Datasheet HTML 6Page - IC MICROSYSTEMS X24320PI Datasheet HTML 7Page - IC MICROSYSTEMS X24320PI Datasheet HTML 8Page - IC MICROSYSTEMS X24320PI Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
X24320
5
Figure 4. Device Addressing
1
S
1
S
0
R/W
DEVICE
SELECT
0
1
0
S
2
DEVICE TYPE
IDENTIFIER
SLAVE ADDRESS BYTE
D7
D2
D1
D6
D5
D4
D3
DATA BYTE
A2
A1
A0
A5
LOW ORDER WORD ADDRESS
A4
A3
WORD ADDRESS BYTE 0
0
A10
A9
A8
0
HIGH ORDER WORD ADDRESS
A11
X24320 WORD ADDRESS BYTE 1
0
0
A7
A6
D0
7035 FM 06
DEVICE ADDRESSING
Following a start condition, the master must output the
address of the slave it is accessing. The first four bits
of the Slave Address Byte are the device type identifier bits.
These must equal “1010”.
The next 3 bits are the
device select bits S0, S1, and S2. This allows up to 8 devices
to share a single bus. These bits are
compared to the S0, S1, and S2 device select input pins.
The last bit of the Slave Address Byte defines the
operation to be performed. When the R/W bit is a one, then
a read operation is selected. When it is zero then
a write operation is selected. Refer to figure 4. After
loading the Slave Address Byte from the SDA bus, the
device compares the device type bits with the value
“1010”
and the device select bits with the status of the
device select input pins. If the compare is not successful, no
acknowledge is output during the ninth clock cycle
and the device returns to the standby mode.
The word address is either supplied by the master or
obtained from an internal counter, depending on the
operation. The master must supply the two Word Address
Bytes as shown in figure 4.
The internal organization of the E
2 array is 128 pages by 32
bytes per page. The page address is partially
contained in the Word Address Byte 1 and partially in bits 7
through 5 of the Word Address Byte 0. The byte
address is contained in bits 4 through 0 of the Word
Address Byte 0. See figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com