| Electronic Components Datasheet Search |
|
THS1007IDA Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS1007IDA Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 34 page ![]() THS1007 SLAS286B − AUGUST 2000− REVISED DECEMBER 2010 www.ti.com 17 Sample N Channel 1, 2 Sample N+1 Channel 1, 2 Sample N+2 Channel 1, 2 Sample N+3 Channel 1, 2 Data N−1 Channel 2 Data N Channel 1 Data N Channel 2 Data N+1 Channel 1 Data N−2 Channel 1 Data N−2 Channel 2 Data N−1 Channel 1 AIN CONV_CLK READ† †READ is the logical combination from CS0, CS1 and RD SYNC td(A) td(pipe) tw(CONV_CLKH) tw(CONV_CLKL) tc tsu(CONV_CLKL-READL) tsu(READH-CONV_CLKL) td(CONV_CLKL-SYNCL) td(CONV_CLKL-SYNCH) Figure 29. Conversion Timing in 2-Channel Operation Figure 30 shows the conversion timing when three analog input channels are selected. The maximum throughput rate per channel is 2 MSPS in this mode. The data flow in the bottom of the figure shows in which order the converted data is available to the data bus. The SYNC signal is active low when the data of channel one is available to the data bus. The data of channel one is followed by the data of channel two and channel three before channel one is again available and the SYNC signal is active low. Sample N Channel 1, 2, 3 Sample N+1 Channel 1, 2, 3 Sample N+2 Channel 1, 2, 3 Data N−1 Channel 3 Data N Channel 1 Data N Channel 2 Data N Channel 3 Data N−2 Channel 3 Data N−1 Channel 1 Data N−1 Channel 2 AIN CONV_CLK READ† †READ is the logical combination from CS0, CS1 and RD SYNC td(A) td(pipe) tw(CONV_CLKH) tw(CONV_CLKL) tc tsu(CONV_CLKL-READL) tsu(READH-CONV_CLKL) td(CONV_CLKL-SYNCL) td(CONV_CLKL-SYNCH) Figure 30. Conversion Timing in 3-Channel Operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |