Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4031/32 Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4031/32
Description  270-MHz HIGH-SPEED AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4031/32 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4031/32 Datasheet HTML 4Page - Texas Instruments THS4031/32 Datasheet HTML 5Page - Texas Instruments THS4031/32 Datasheet HTML 6Page - Texas Instruments THS4031/32 Datasheet HTML 7Page - Texas Instruments THS4031/32 Datasheet HTML 8Page - Texas Instruments THS4031/32 Datasheet HTML 9Page - Texas Instruments THS4031/32 Datasheet HTML 10Page - Texas Instruments THS4031/32 Datasheet HTML 11Page - Texas Instruments THS4031/32 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
TA – Free-Air Temperature – °C
POWER SUPPLY REJECTION RATIO
vs
FREE-AIR TEMPERATURE
–40
–20
0
80
40
20
110
90
70
60
100
80
120
VCC = –15 V
60
100
VCC = 15 V
Figure 11
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
2
4
6
8
14
16
VCC – Supply Voltage – V
12
10
30
20
10
0
25
15
5
RL = 150 Ω
RL = 1 kΩ
Figure 12
OUTPUT VOLTAGE SWING
vs
LOAD RESISTANCE
10
100
10000
RL – Load Resistance – Ω
1000
30
20
10
0
25
15
5
VCC = ±15 V
VCC = ±2.5 V
VCC = ±5 V
Figure 13
BANDWIDTH (–3 dB)
vs
FEEDBACK RESISTANCE
500
700
900
1100
1700
1900
R(FB) – Feedback Resistance – Ω
1500
1300
60
40
20
0
50
30
10
100
80
90
70
VCC = ±2.5 V
VCC = ±5 V
VCC = ±15 V
Gain = –1
f = –3 dB
RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com