Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012IDWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # THS6012IDWPR
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012IDWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS6012IDWPR Datasheet HTML 9Page - Texas Instruments THS6012IDWPR Datasheet HTML 10Page - Texas Instruments THS6012IDWPR Datasheet HTML 11Page - Texas Instruments THS6012IDWPR Datasheet HTML 12Page - Texas Instruments THS6012IDWPR Datasheet HTML 13Page - Texas Instruments THS6012IDWPR Datasheet HTML 14Page - Texas Instruments THS6012IDWPR Datasheet HTML 15Page - Texas Instruments THS6012IDWPR Datasheet HTML 16Page - Texas Instruments THS6012IDWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
f − Frequency − Hz
−90
−100
1M
−60
100k
−80
−70
10M
−50
−40
2nd Harmonic
3rd Harmonic
VCC = ± 15 V
Gain = 2
RF = 680 Ω
RL = 25 Ω
VO(PP) = 2V
f − Frequency − Hz
−21
−24
10M
100k
−12
−9
500M
−6
3
1M
100M
−3
0
VI = 500 mV
−18
−15
Gain = 2
VCC = ± 15 V
RF = 680 Ω
RL = 25 Ω
VI = 250 mV
VI = 125 mV
VI = 62.5 mV
1M
f − Frequency − Hz
100k
10M
100M
VCC = ±15 V
RL = 100 Ω
Gain = 2
VI = 200 mV
500M
−1
−3
−5
−2
−4
−6
1
2
0
3
RF = 430 Ω
RF = 1 kΩ
RF = 620 Ω
f − Frequency − Hz
−27
−30
10M
100k
−18
−15
500M
−12
−3
1M
100M
−9
−6
VI = 500 mV
−24
−21
Gain = 1
VCC = ± 15 V
RF = 820 Ω
RL = 25 Ω
VI = 250 mV
VI = 125 mV
VI = 62.5 mV
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
NORMALIZED OUTPUT RESPONSE
vs
SMALL AND LARGE SIGNAL
FREQUENCY
FREQUENCY RESPONSE
Figure 25.
Figure 26.
SINGLE-ENDED HARMONIC DISTORTION
SMALL AND LARGE SIGNAL
vs
FREQUENCY RESPONSE
FREQUENCY
Figure 27.
Figure 28.
Copyright © 1998–2012, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com