Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012CDWPR.A Datasheet(PDF) 1 Page - Texas Instruments

Part # THS6012CDWPR.A
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWPR.A Datasheet(HTML) 1 Page - Texas Instruments

  THS6012CDWPR.A Datasheet HTML 1Page - Texas Instruments THS6012CDWPR.A Datasheet HTML 2Page - Texas Instruments THS6012CDWPR.A Datasheet HTML 3Page - Texas Instruments THS6012CDWPR.A Datasheet HTML 4Page - Texas Instruments THS6012CDWPR.A Datasheet HTML 5Page - Texas Instruments THS6012CDWPR.A Datasheet HTML 6Page - Texas Instruments THS6012CDWPR.A Datasheet HTML 7Page - Texas Instruments THS6012CDWPR.A Datasheet HTML 8Page - Texas Instruments THS6012CDWPR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
VCC −
1OUT
VCC+
1IN+
1IN−
NC
NC
NC
NC
NC
VCC −
2OUT
VCC+
2IN+
2IN−
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Cross Section View Showing PowerPAD
Thermally Enhanced SOIC (DWP) PowerPAD
Package
(TOP VIEW)
(SIDE VIEW)
MicroStar
 Junior (GQE) Package
(TOP VIEW)
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
500-mA DUAL DIFFERENTIAL LINE DRIVER
Check for Samples: THS6012
1
FEATURES
2
•
ADSL Differential Line Driver
•
400 mA Minimum Output Current Into 25-
Ω
Load
•
High Speed
–
140 MHz Bandwidth (-3dB) With 25-
Ω Load
–
315 MHz Bandwidth (-3dB) With 100-
Ω Load
–
1300 V/
μs Slew Rate, G = 5
•
Low Distortion
–
-72 dB 3rd Order Harmonic Distortion at
f = 1 MHz, 25-
Ω Load, and 20 VPP
•
Independent Power Supplies for Low
Crosstalk
•
Wide Supply Range ±4.5 V to ±16 V
•
Thermal Shutdown and Short Circuit
Protection
•
Improved Replacement for AD815
•
Evaluation Module Available
DESCRIPTION
The
THS6012
contains
two
high-speed
drivers
capable of providing 400 mA output current (min) into
a 25
Ω load. These drivers can be configured
differentially to drive a 50-VPP output signal over low-
impedance lines. The drivers are current feedback
amplifiers, designed for the high slew rates necessary
to support low total harmonic distortion (THD) in
xDSL applications. The THS6012 is ideally suited for
asymmetrical
digital
subscriber
line
(ADSL)
HIGH-SPEED xDSL LINE DRIVER/RECEIVER
applications at the central office, where it supports
FAMILY
the high-peak voltage and current requirements of
DEVICE
DRIVER
RECEIVER
DESCRIPTION
this application.
Dual differential line drivers and
THS6002
•
•
Separate power supply connections for each driver
receivers
are provided to minimize crosstalk. The THS6012 is
THS6012
•
500-mA Dual differential line driver
available
in
the
small
surface-mount,
thermally
THS6022
•
250-mA Dual differential line driver
enhanced 20-pin PowerPAD™ package.
Low-power ADSL central office line
THS6032
•
driver
THS6062
•
Low-noise ADSL receiver
Low-noise programmable gain ADSL
THS7002
•
receiver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS6012CDWPR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6012CDWPR TI1-THS6012CDWPR Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
More results

Similar Description - THS6012CDWPR.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
Dual Differential Line Driver
logo
Texas Instruments
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI-THS6012 Datasheet
604Kb / 35P
500-mA DUAL DIFFERENTIAL LINE DRIVER
THS6022 TI-THS6022 Datasheet
646Kb / 38P
250-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD816 AD-AD816 Datasheet
413Kb / 16P
500 mA Differential Driver and Dual Low Noise VF Amplifiers
REV.B
logo
Texas Instruments
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
DUAL DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD816 AD-AD816_15 Datasheet
839Kb / 16P
500 mA Differential Driver and Dual Low Noise (VF) Amplifiers
REV. B
logo
Texas Instruments
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
250-mA DUAL DIFFERENTIAL LINE DRIVER
THS6012 TI1-THS6012_16 Datasheet
1Mb / 37P
500-mA DUAL DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com