Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS8136PHPR Datasheet(PDF) 7 Page - Texas Instruments

Part # THS8136PHPR
Description  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS8136PHPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS8136PHPR Datasheet HTML 3Page - Texas Instruments THS8136PHPR Datasheet HTML 4Page - Texas Instruments THS8136PHPR Datasheet HTML 5Page - Texas Instruments THS8136PHPR Datasheet HTML 6Page - Texas Instruments THS8136PHPR Datasheet HTML 7Page - Texas Instruments THS8136PHPR Datasheet HTML 8Page - Texas Instruments THS8136PHPR Datasheet HTML 9Page - Texas Instruments THS8136PHPR Datasheet HTML 10Page - Texas Instruments THS8136PHPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
350
0
1023
V
mV
O
Input
Codes
AG
1050
50
350
0
1023
AR, AB
1050
BLANK
SYNC
300 mV
700 mV
V
mV
O
Input
Codes
700 mV
0
0
1023
V
mV
O
Input
Codes
AR, AG, AB
700
BLANK
700 mV
THS8136
www.ti.com
SLES236B – NOVEMBER 2008 – REVISED APRIL 2013
NOTE: BLANK = High in applications not requiring a forced blank level.
RFS chosen for 700-mV output.
RLOAD = 37.5 Ω
Figure 4. Generic DAC Mode (M1 = Low, M2 = Low, SYNC = High, SYNC_T = High)
NOTE: RFS chosen for 700-mV output.
RLOAD = 37.5 Ω
Figure 5. RGB Sync-on-G (M1 = Low, M2 = Low, SYNC_T = Low)
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: THS8136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com