Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWQ18S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWQ18S
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ18S Datasheet(HTML) 1 Page - OSRAM GmbH

  LWQ18S Datasheet HTML 1Page - OSRAM GmbH LWQ18S Datasheet HTML 2Page - OSRAM GmbH LWQ18S Datasheet HTML 3Page - OSRAM GmbH LWQ18S Datasheet HTML 4Page - OSRAM GmbH LWQ18S Datasheet HTML 5Page - OSRAM GmbH LWQ18S Datasheet HTML 6Page - OSRAM GmbH LWQ18S Datasheet HTML 7Page - OSRAM GmbH LWQ18S Datasheet HTML 8Page - OSRAM GmbH LWQ18S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LW Q18S
Hyper CHIPLED
Hyper-Bright LED
Lead (Pb) Free Product - RoHS Compliant
Nicht für Neuentwicklungen
Not for new designs
2006-01-20
1
Besondere Merkmale
• Gehäusetyp: SMT Gehäuse 0603, farbiger
diffuser Verguss
• Besonderheit des Bauteils: kleinste Bauform,
geringe Bauhöhe 1,6 x 0,8 x 0,6 mm (LxBxH)
• Farbort: x = 0,31, y = 0,28 nach
CIE 1931 (weiß)
• Typische Farbtemperatur: 5600 K
• Farbwiedergabeindex: 80
• Abstrahlwinkel: horizontal 160°, vertikal 130°
• Technologie: InGaN
• optischer Wirkungsgrad: 4 lm/W
• Gruppierungsparameter: Lichtstärke,
Farbort, Durchlassspannung
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8-mm Gurt mit 4000/Rolle, ø180 mm
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-B
Anwendungen
• flache Hinterleuchtung (LCD, Handy, Schalter,
Display)
• Spielsachen
Features
• package: SMT package 0603, colored diffused
resin
• feature of the device: smallest package, low
height 1.6 x 0.8 x 0.6 mm (LxWxH)
• color coordinates: x = 0.31, y = 0.28 acc. to
CIE 1931 (white)
• typ. color temperature: 5600 K
• color reproduction index: 80
• viewing angle: horizontal 160°, vertical 130°
• technology: InGaN
• optical efficiency: 4 lm/W
• grouping parameter: luminous intensity, color
coordinates, forward voltage
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 4000/reel, ø180 mm
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-B
Applications
• flat backlighting (LCD, cellular phones,
switches, displays)
•toys


Similar Part No. - LWQ18S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWQ183 OSRAM-LWQ183 Datasheet
559Kb / 16P
Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWQ183-P2R1-24-1 OSRAM-LWQ183-P2R1-24-1 Datasheet
559Kb / 16P
Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWQ183-Q2R2-24-1 OSRAM-LWQ183-Q2R2-24-1 Datasheet
559Kb / 16P
Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LWQ18S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com