Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24645FS Datasheet(PDF) 14 Page - IC MICROSYSTEMS

Part # X24645FS
Description  Advanced 2-Wire Serial E2PROM with Block LockTM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24645FS Datasheet(HTML) 14 Page - IC MICROSYSTEMS

Back Button X24645FS Datasheet HTML 10Page - IC MICROSYSTEMS X24645FS Datasheet HTML 11Page - IC MICROSYSTEMS X24645FS Datasheet HTML 12Page - IC MICROSYSTEMS X24645FS Datasheet HTML 13Page - IC MICROSYSTEMS X24645FS Datasheet HTML 14Page - IC MICROSYSTEMS X24645FS Datasheet HTML 15Page - IC MICROSYSTEMS X24645FS Datasheet HTML 16Page - IC MICROSYSTEMS X24645FS Datasheet HTML 17Page - IC MICROSYSTEMS X24645FS Datasheet HTML 18Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
X24645
14
PACKAGING INFORMATION
3926 FHD F01
NOTE:
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS) 2.
PACKAGE DIMENSIONS EXCLUDE MOLDING FLASH
0.020 (0.51)
0.016 (0.41)
0.150 (3.81)
0.125 (3.18)
0.110 (2.79)
0.090 (2.29)
0.430 (10.92)
0.360 (9.14)
0.300
(7.62) REF.
PIN 1 INDEX
0.145 (3.68)
0.128 (3.25)
0.025 (0.64)
0.015 (0.38)
PIN 1
SEATING
PLANE
0.065 (1.65)
0.045 (1.14)
0.260 (6.60)
0.240 (6.10)
0.060 (1.52)
0.020 (0.51)
TYP. 0.010 (0.25)
0°
15°
8-LEAD PLASTIC DUAL IN-LINE PACKAGE TYPE P
HALF SHOULDER WIDTH ON
ALL END PINS OPTIONAL
0.015 (0.38)
MAX.
0.325 (8.25)
0.300 (7.62)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com