Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPL296 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LPL296
Description  SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LPL296 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LPL296 Datasheet HTML 3Page - OSRAM GmbH LPL296 Datasheet HTML 4Page - OSRAM GmbH LPL296 Datasheet HTML 5Page - OSRAM GmbH LPL296 Datasheet HTML 6Page - OSRAM GmbH LPL296 Datasheet HTML 7Page - OSRAM GmbH LPL296 Datasheet HTML 8Page - OSRAM GmbH LPL296 Datasheet HTML 9Page - OSRAM GmbH LPL296 Datasheet HTML 10Page - OSRAM GmbH LPL296 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LP L296
2007-08-10
7
Durchlassstrom
2) Seite 14
Forward Current
2) page 14
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
2) 7) Seite 14
Relative Luminous Intensity
2) 7) page 14
I
V/IV(20 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 14
Relative Luminous Intensity
2) page 14
I
V / IV(25 °C)= f (Tj); IF = 20 mA
OHL00457
1.4
IF
VF
1.6
1.8
2.0
2.2
V 2.6
mA
10-1
100
101
102
10
10
10
0
-2
10-1
mA
1
10
I
F
2
I
V (20 mA)
I
100
V
101
OHL00458
T
OHL00475
0
V (25 ˚C)
I
j
I
V
0.5
1.0
1.5
2.0
2.5
3.0
pure-green
-40
˚C
-20
0
20
40
60
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com