Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25128FS Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X25128FS
Description  SPI Serial E2PROM with Block Lock Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25128FS Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X25128FS Datasheet HTML 1Page - IC MICROSYSTEMS X25128FS Datasheet HTML 2Page - IC MICROSYSTEMS X25128FS Datasheet HTML 3Page - IC MICROSYSTEMS X25128FS Datasheet HTML 4Page - IC MICROSYSTEMS X25128FS Datasheet HTML 5Page - IC MICROSYSTEMS X25128FS Datasheet HTML 6Page - IC MICROSYSTEMS X25128FS Datasheet HTML 7Page - IC MICROSYSTEMS X25128FS Datasheet HTML 8Page - IC MICROSYSTEMS X25128FS Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SPI Serial E
2
PROM with Block Lock
TM
Protection
128K
16K x 8 Bit
©
Xicor Inc. 1994, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3091-2.9 5/14/97 T2/C0/D2 SH
1
X25128
This X25128 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
FUNCTIONAL DIAGRAM
COMMAND
DECODE
AND
CONTROL
LOGIC
WRITE
CONTROL
AND
TIMING
LOGIC
WRITE
PROTECT
LOGIC
X DECODE
LOGIC
16K BYTE
ARRAY
16 X 256
Y DECODE
DATA REGISTER
SO
SI
SCK
CS
HOLD
WP
8
32
32 X 256
16 X 256
3091 FM F01
128
128
256
STATUS
REGISTER
FEATURES
•2MHz Clock Rate
•SPI Modes (0,0 & 1,1)
•16K X 8 Bits
—32 Byte Page Mode
•Low Power CMOS
—<1µA Standby Current
—<5mA Active Current
•2.7V To 5.5V Power Supply
•Block Lock Protection
—Protect 1/4, 1/2 or all of E
2
PROM Array
•Built-in Inadvertent Write Protection
—Power-Up/Power-Down protection circuitry
—Write Enable Latch
—Write Protect Pin
•Self-Timed Write Cycle
—5ms Write Cycle Time (Typical)
•High Reliability
—Endurance: 100,000 cycles
—Data Retention: 100 Years
—ESD protection: 2000V on all pins
•14-Lead SOIC Package
•16-Lead SOIC Package
•8-Lead PDIP Package
DESCRIPTION
The X25128 is a CMOS 131,072-bit serial E
2
PROM,
internally organized as 16K x 8. The X25128 features
a Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple three-wire bus.
The bus signals are a clock input (SCK) plus separate data
in (SI) and data out (SO) lines. Access to the
device is controlled through a chip select (CS) input,
allowing any number of devices to share the same
bus.
The X25128 also features two additional inputs that
provide the end user with added flexibility. By
asserting the HOLD input, the X25128 will ignore tran-
sitions on its inputs, thus allowing the host to service
higher priority interrupts. The WP input can be used as a
hardwire input to the X25128 disabling all write
attempts to the status register, thus providing a mech-
anism for limiting end user capability of altering 0, 1/4,
1/2 or all of the memory.
The X25128 utilizes Xicor’s proprietary Direct Write™ cell,
providing a minimum endurance of 100,000
cycles and a minimum data retention of 100 years.
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X25128FS

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25128P XICOR-X25128P Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25128P-2.7 XICOR-X25128P-2.7 Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25128PI XICOR-X25128PI Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25128PI-2.7 XICOR-X25128PI-2.7 Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
More results

Similar Description - X25128FS

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020 XICOR-X25020 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25021 XICOR-X25021 Datasheet
60Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25138 XICOR-X25138 Datasheet
88Kb / 18P
5MHz SPI Serial E2PROM with Block Lock PROTECTION
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
Advanced SPI Serial E2PROM with Block Lock Protection
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
5MHz SPI Serial E2PROM with Block Lock Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com