Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25642PI Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X25642PI
Description  Advanced SPI Serial E2PROM with Block Lock Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25642PI Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X25642PI Datasheet HTML 1Page - IC MICROSYSTEMS X25642PI Datasheet HTML 2Page - IC MICROSYSTEMS X25642PI Datasheet HTML 3Page - IC MICROSYSTEMS X25642PI Datasheet HTML 4Page - IC MICROSYSTEMS X25642PI Datasheet HTML 5Page - IC MICROSYSTEMS X25642PI Datasheet HTML 6Page - IC MICROSYSTEMS X25642PI Datasheet HTML 7Page - IC MICROSYSTEMS X25642PI Datasheet HTML 8Page - IC MICROSYSTEMS X25642PI Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Advanced SPI Serial E
2
PROM with Block Lock
TM
Protection
64K
8K x 8 Bit
©
Xicor, Inc. 1994, 1995, 1996 Patents Pending
1
Characteristics subject to change without notice
3132-1.0 1/17/97 T5/C0/D1 SH
X25642
FEATURES
•2MHz Clock Rate
•Low Power CMOS
—<1µA Standby Current
—<5mA Active Current
•2.7V To 5.5V Power Supply
•SPI Modes (0,0 & 1,1)
•8K X 8 Bits
—32 Byte Page Mode
•Block Lock Protection
—Protect 1/4, 1/2 or all of E
2PROM Array
•Built-in Inadvertent Write Protection
—Power-Up/Down protection circuitry
—Write Enable Latch
—Write Protect Pin
•Self-Timed Write Cycle
—5ms Write Cycle Time (Typical)
•High Reliability
—Endurance: 100,000 cycles
—Data Retention: 100 Years
—ESD protection: 2000V on all pins
•Packages
—8-Lead PDIP
—8-Lead SOIC
—14-Lead SOIC
—20-Lead TSSOP
DESCRIPTION
The X25642 is a CMOS 65,536-bit serial E
2
PROM,
internally organized as 8K x 8. The X25642 features a
Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple three-wire bus. The bus
signals are a clock input (SCK) plus separate data in (SI)
and data out (SO) lines. Access to the device is
controlled through a chip select (CS) input, allowing any
number of devices to share the same bus.
The X25642 also features two additional inputs that
provide the end user with added flexibility. By
asserting the HOLD input, the X25642 will ignore tran-
sitions on its inputs, thus allowing the host to service
higher priority interrupts. The WP input can be used as a
hardwire input to the X25642 disabling all write
attempts to the status register, thus providing a mech-
anism for limiting end user capability of altering 0, 1/4,
1/2 or all of the memory.
The X25642 utilizes Xicor’s proprietary Direct Write
TM cell,
providing a minimum endurance of 100,000
cycles and a minimum data retention of 100 years.
COMMAND
DECODE
AND
CONTROL
LOGIC
WRITE
CONTROL
AND
TIMING
LOGIC
WRITE
PROTECT
LOGIC
X DECODE
LOGIC
8K BYTE
ARRAY
64 X 256
Y DECODE
DATA REGISTER
SO
SI
SCK
CS
HOLD
WP
64
128
8
32
STATUS
REGISTER
64
128 X 256
64 X 256
3132 ILL F01.1
FUNCTIONAL DIAGRAM
Direct Write
TM and Block Lock ProtectionTM is a trademark of Xicor, Inc.
This X25642 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X25642PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25642PI XICOR-X25642PI Datasheet
76Kb / 16P
Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25642PI-2.7 XICOR-X25642PI-2.7 Datasheet
76Kb / 16P
Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results

Similar Description - X25642PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
Advanced 2-Wire Serial E2PROM with Block Lock Protection
X25021 XICOR-X25021 Datasheet
60Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25640 XICOR-X25640 Datasheet
64Kb / 14P
Advanced SPI Serial E2PROM With Block LockTM Protection
X25138 XICOR-X25138 Datasheet
88Kb / 18P
5MHz SPI Serial E2PROM with Block Lock PROTECTION
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
SPI Serial E2PROM with Block Lock Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
5MHz SPI Serial E2PROM with Block Lock Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com