Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHV227HKP4360ME4 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PHV227HKP4360ME4
Description  PHV227, Aluminum, Hybrid Polymer, 3600 uF, 20%, 25 VDC, -40/125°C
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHV227HKP4360ME4 Datasheet(HTML) 1 Page - Kemet Corporation

  PHV227HKP4360ME4 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHV227HKP4360ME4
PHV227, Aluminum, Hybrid Polymer, 3600 uF, 20%, 25 VDC, -40/+125°C
Click here for the 3D model.
General Information
Series
PHV227
Dielectric
Hybrid Polymer
Style
Vertical Crown SMD
Description
Vertical Crown Surface Mount
Hybrid Polymer
RoHS
Yes
Lead
Radial Crown SMD
Qualifications
AEC-Q200
AEC-Q200
Yes
Halogen Free
true
Typical Component Weight
13 g
Shelf Life
520 Weeks
Dimensions
L
36.9mm +/-1mm
W
17mm +/-0.5mm
T
2.5mm +/-0.3mm
S
3mm +/-0.3mm
E
22.5mm +/-0.5mm
Specifications
Capacitance
3600 uF
Capacitance Tolerance
20%
Voltage DC
25 VDC
Temperature Range
-40/+125°C
Rated Temperature
125°C
ESR
105 mOhms (100Hz 20C), 8.8
mOhms (100kHz 125C)
Ripple Current
28.6 Amps (100kHz 90C), 25.8
Amps (100kHz 105C), 19.6 Amps
(100kHz 125C)
Leakage Current
450 uA (5min 20°C)
Packaging Specifications
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 11/12/2024
© 2006 - 2024 YAGEO


Similar Part No. - PHV227HKP4360ME4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHV227HKL4250ME4 KEMET-PHV227HKL4250ME4 Datasheet
58Kb / 1P
PHV227, Aluminum, Hybrid Polymer, 2500 uF, 20%, 25 VDC, -40/125°C
11/12/2024
More results

Similar Description - PHV227HKP4360ME4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
A770KS337M1ELAS019 KEMET-A770KS337M1ELAS019 Datasheet
235Kb / 1P
A770, Polymer Aluminum, 330 uF, 20%, 25 VDC, -55/125°C
8/23/2022
A770KS566M1JLAS031 KEMET-A770KS566M1JLAS031 Datasheet
235Kb / 1P
A770, Polymer Aluminum, 56 uF, 20%, 63 VDC, -55/125°C
8/23/2022
A770MS108M1CLAS015 KEMET-A770MS108M1CLAS015 Datasheet
235Kb / 1P
A770, Polymer Aluminum, 1,000 uF, 20%, 16 VDC, -55/125°C
8/23/2022
A781MN337M1ELAS025 KEMET-A781MN337M1ELAS025 Datasheet
236Kb / 1P
A781, Hybrid Polymer, 330 uF, 20%, 25 VDC, -55/135°C
11/21/2022
A781MS567M1ELAS022 KEMET-A781MS567M1ELAS022 Datasheet
236Kb / 1P
A781, Hybrid Polymer, 560 uF, 20%, 25 VDC, -55/135°C
11/21/2022
A781MS567M1ELAV022 KEMET-A781MS567M1ELAV022 Datasheet
242Kb / 1P
A781, Hybrid Polymer, 560 uF, 20%, 25 VDC, -55/135°C
11/21/2022
A770KE396M1HLAS042 KEMET-A770KE396M1HLAS042_V01 Datasheet
234Kb / 1P
A770, Polymer Aluminum, 39 uF, 20%, 50 VDC, -55/125°C
3/23/2023
A770KS337M1ELAS019 KEMET-A770KS337M1ELAS019_V01 Datasheet
234Kb / 1P
A770, Polymer Aluminum, 330 uF, 20%, 25 VDC, -55/125°C
3/23/2023
A770KS566M1JLAS031 KEMET-A770KS566M1JLAS031_V01 Datasheet
234Kb / 1P
A770, Polymer Aluminum, 56 uF, 20%, 63 VDC, -55/125°C
3/23/2023
A770MS108M1CLAS015 KEMET-A770MS108M1CLAS015_V01 Datasheet
234Kb / 1P
A770, Polymer Aluminum, 1,000 uF, 20%, 16 VDC, -55/125°C
3/23/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com