Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3045 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3045
Description  Assembled Adafruit FeatherWing OLED - 128x32 OLED Add-on For Feather
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3045 Datasheet(HTML) 1 Page - Adafruit Industries

  3045 Datasheet HTML 1Page - Adafruit Industries 3045 Datasheet HTML 2Page - Adafruit Industries 3045 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
Assembled Adafruit FeatherWing OLED -
128x32 OLED Add-on For Feather
PRODUCT ID: 3045
A Feather board without ambition is a Feather board without FeatherWings! This
is the Assembled FeatherWing OLED: it adds a 128x32 monochrome OLED plus 3
user buttons to
any Feather main board. Comes fully assembled so you can
connect a FeatherWing on top of your Feather board and let the board take
flight,
no soldering required!
These displays are small, only about 1" diagonal, but very readable due to the
high contrast of an OLED display. This screen is made of 128x32 individual
white OLED pixels and because the display makes its own light, no backlight is
required. This reduces the power required to run the OLED and is why the
display has such high contrast; we really like this miniature display for its
crispness! We also toss on a reset button and three mini tactile buttons called A
B and C so you can add a mini user interface to your feather.


Similar Part No. - 3045

ManufacturerPart #DatasheetDescription
logo
Heyco.
3045 HEYCO-3045 Datasheet
135Kb / 1P
Large Dome Plugs
logo
RAF ELECTRONIC HARDWARE
3045-B-440-B RAF-3045-B-440-B Datasheet
66Kb / 1P
1/4 ROUND SWAGE STANDOFFS
3045-B-632-B RAF-3045-B-632-B Datasheet
64Kb / 1P
1/4 ROUND SWAGE STANDOFFS
logo
PHOENIX CONTACT
3045046 PHOENIX-3045046 Datasheet
162Kb / 6P
UT 2,5 OG
3045059 PHOENIX-3045059 Datasheet
162Kb / 6P
UT 2,5 YE
More results

Similar Description - 3045

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AZOLED034A AZDISPLAYS-AZOLED034A Datasheet
7Mb / 23P
SPECIFICATIONS FOR OLED DISPLAY
AZOLED043A AZDISPLAYS-AZOLED043A Datasheet
8Mb / 25P
SPECIFICATIONS FOR OLED DISPLAY
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
logo
Crystalfontz America, I...
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
logo
List of Unclassifed Man...
REX009664AGPP3N00000 ETC-REX009664AGPP3N00000 Datasheet
1Mb / 32P
OLED SPECIFICATION
C 2016/06/01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com