Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

524 03 Datasheet(PDF) 4 Page - Legrand North America, LLC

Part # 524 03
Description  IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

524 03 Datasheet(HTML) 4 Page - Legrand North America, LLC

  524 03 Datasheet HTML 1Page - Legrand North America, LLC 524 03 Datasheet HTML 2Page - Legrand North America, LLC 524 03 Datasheet HTML 3Page - Legrand North America, LLC 524 03 Datasheet HTML 4Page - Legrand North America, LLC 524 03 Datasheet HTML 5Page - Legrand North America, LLC 524 03 Datasheet HTML 6Page - Legrand North America, LLC 524 03 Datasheet HTML 7Page - Legrand North America, LLC 524 03 Datasheet HTML 8Page - Legrand North America, LLC 524 03 Datasheet HTML 9Page - Legrand North America, LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
Cat. Nos. : 519 XX - 520 XX - 521 XX - 522 XX - 523 XX - 524 XX
525 XX - 527 XX - 528 XX - 529 XX - 535 XX - 536 XX
537 XX - 538 XX - 539 XX - 591 XX
IP 44 and IP 66/67 plugs, mobile sockets,
socket outlets and appliance inlets
2. RANGE (continued)
Straight plugs
Note : Use a pilot wire in 63A
2P
524 21
524 41
3P
524 22
524 42
2P
525 21
525 41
3P
525 22
2P
524 23
524 43
3P
524 24
524 44
2P
525 25
525 43
3P
525 24
525 44
2P
524 25
524 45
2P
525 25
525 45
2P+E
519 40
2P+E
519 42
2P+E
535 42
2P+E
521 42
520 42
520 52
3P+E
520 43
520 53
3P+N+E
520 44
520 54
2P+E
527 42
527 52
3P+E
527 43
527 53
3P+N+E
527 44
527 54
2P+E
536 42
536 52
3P+E
536 43
3P+N+E
536 44
2P+E
522 42
522 52
3P+E
521 43
522 43
522 53
3P+N+E
521 44
522 44
522 54
2P+E
529 42
529 52
3P+E
528 43
529 43
529 53
3P+N+E
528 44
529 44
529 54
3P+E
538 43
538 53
3P+N+E
538 44
538 54
3P+E
523 21
3P+E
523 61
Metal
Plastic
Rubber
16A
16A
16A
32A
16A
16A
32A
32A
63A
63A
32A
32A
16A
16A
32A
32A
63A
2. RANGE (continued)
Angled plugs
Note : Use a pilot wire in 63A
2P
524 41
3P
524 42
2P
525 41
3P
2P
524 43
3P
524 44
2P
525 43
3P
525 44
2P
524 45
2P
525 45
2P+E
520 72
520 62
521 52
3P+E
520 63
3P+N+E
520 64
2P+E
527 72
527 62
3P+E
527 63
3P+N+E
527 64
2P+E
536 72
3P+E
3P+N+E
2P+E
522 62
3P+E
522 73
522 63
521 53
3P+N+E
522 74
522 64
521 54
2P+E
529 62
3P+E
529 73
529 63
528 53
3P+N+E
529 74
529 64
528 54
3P+E
538 73
538 63
3P+N+E
538 74
538 64
Metal
Plastic
Rubber
16A
16A
16A
32A
16A
32A
63A
32A
32A
16A
32A
63A
Technical sheet : F00138EN/01
Updated : 05/03/2007
Created : 22/01/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com