Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16R4 Datasheet(PDF) 13 Page - Texas Instruments

Part # PAL16R4
Description  HIGH-PERFORMANCE IMPACT-X E PAL) CIRCUITS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PAL16R4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PAL16R4 Datasheet HTML 9Page - Texas Instruments PAL16R4 Datasheet HTML 10Page - Texas Instruments PAL16R4 Datasheet HTML 11Page - Texas Instruments PAL16R4 Datasheet HTML 12Page - Texas Instruments PAL16R4 Datasheet HTML 13Page - Texas Instruments PAL16R4 Datasheet HTML 14Page - Texas Instruments PAL16R4 Datasheet HTML 15Page - Texas Instruments PAL16R4 Datasheet HTML 16Page - Texas Instruments PAL16R4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
PARAMETER
TEST CONDITIONS
UNIT
VI = 2 V
f = 1 MHz,
Ci
pF
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
R1 = 200
Ω,
R2 = 200
Ω,
See Figure 8
tpd
ns
TIBPAL16R8-5C
HIGH-PERFORMANCE IMPACT-X
™ PAL® CIRCUITS
SRPS011D – D3359, OCTOBER 1989 – REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
13
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily
include testing of all parameters.
electrical characteristics over recommended operating free-air temperature range
TIBPAL16R8-5CFN
TIBPAL16R8-5CJ
TIBPAL16R8-5CN
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.75 V,
II = – 18 mA
– 0.8
– 1.5
– 0.8
– 1.5
V
VOH
VCC = 4.75 V,
IOH = –3.2 mA
2.4
2.7
2.4
2.7
V
VOL
VCC = 4.75 V,
IOL = 24 mA
0.3
0.5
0.3
0.5
V
IOZH
VCC = 5.25 V,
VO = 2.7 V
100
100
µA
IOZL
VCC = 5.25 V,
VO = 0.4 V
–100
–100
µA
II
VCC = 5.25 V,
VI = 5.5 V
100
100
µA
IIH
VCC = 5.25 V,
VI = 2.7 V
25
25
µA
IIL
VCC = 5.25 V,
VI = 0.4 V
– 250
– 250
µA
IOS‡
VCC = 5.25 V,
VO = 0.5 V
–30
–70
–130
–30
–70
–130
mA
ICC
VCC = 5.25 V,
VI = 0,
Outputs open
180
180
mA
I
8.5
6.5
CLK/OE
7.5
5.5
Co
f = 1 MHz,
VO = 2 V
10
8
pF
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
TIBPAL16R8-5CFN
TIBPAL16R8-5CJ
TIBPAL16R8-5CN
MIN
TYP†
MAX
MIN
TYP†
MAX
without feedback
125
125
fmax§
with internal feedback (counter configuration)
125
125
MHz
with external feedback
117
111
CLK
↑
Q
with up to 4 outputs
switching
1.5
4
1.5
4
CLK
↑
Q
with more than 4
outputs switching
1.5
4
1.5
4.5
tpd¶
CLK
↑
Internal feedback
3.5
3.5
ns
ten
OE
↓
Q
1.5
6
1.5
6
ns
tdis
OE
↑
Q
1
6.5
1
7
ns
tr
1.5
1.5
ns
tf
1.5
1.5
ns
tsk (o)#
Skew between outputs
0.5
0.5
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second. VO is set at 0.5 V to
avoid test problems caused by test equipment ground degradation.
§ See ’fmax Specification’ near the end of this data sheet.
¶ This parameter is calculated from the measured fmax with internal feedback in a counter configuration (see Figure 2 for illustration).
# tsk(o) is the skew time between registered outputs.
OBSOLETE - No Longer Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com