Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6402 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6402
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6402 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6402 Datasheet HTML 9Page - Torex Semiconductor XC6402 Datasheet HTML 10Page - Torex Semiconductor XC6402 Datasheet HTML 11Page - Torex Semiconductor XC6402 Datasheet HTML 12Page - Torex Semiconductor XC6402 Datasheet HTML 13Page - Torex Semiconductor XC6402 Datasheet HTML 14Page - Torex Semiconductor XC6402 Datasheet HTML 15Page - Torex Semiconductor XC6402 Datasheet HTML 16Page - Torex Semiconductor XC6402 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13/31
XC6402
Series
VR OUTPUT VOLTAGE
0.8 ~1.45V
1.5 ~ 1.75V
1.8V ~ 5.0V
CL
6.8μF
2.2μF
1.0μF
■
TEST CIRCUITS (Continued)
Circuit ①
Circuit ②
XC6402F Series
Output Capacitor Corresponding Chart
Circuit ③
Circuit ④
Circuit ⑤
Circuit ⑥
XC6402FY / FX type
XC6402FY / FX type
XC6402FY / FX type
XC6402FY / FZ type
XC6402FY / FZ type
XC6402FY / FZ type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com