Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6415 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6415
Description  Dual LDO Regulators with ON/OFF Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6415 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6415 Datasheet HTML 15Page - Torex Semiconductor XC6415 Datasheet HTML 16Page - Torex Semiconductor XC6415 Datasheet HTML 17Page - Torex Semiconductor XC6415 Datasheet HTML 18Page - Torex Semiconductor XC6415 Datasheet HTML 19Page - Torex Semiconductor XC6415 Datasheet HTML 20Page - Torex Semiconductor XC6415 Datasheet HTML 21Page - Torex Semiconductor XC6415 Datasheet HTML 22Page - Torex Semiconductor XC6415 Datasheet HTML 23Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21/23
XC6415
Series
MARK
PRODUCT SERIES
1
XC6415xxxxx
MARK
PRODUCT SERIES
1
XC6415xxxxx
■
MARKING RULE
●
SOT-26, USP-6C
①
Represents product series
④⑤
Represents production lot number
01~09,10,11~99,0A~0Z,1A~9Z,A0~Z9,AA~ZZ repeated.
(G,I,J,O,Q,W excluded)
*No character inversion used.
②③
Represents internal sequential number
01~09,10~99,A0~A9,B0~,B9~,Z9~repeated.
(G,I,J,O,Q,W excluded)
●
USPN-6
①
Represents product series
②
Represents internal sequential number
0,1~9,A,B~Z repeated.
(G,I,J,O,Q,W excluded)
*Once the sequential number of the mark② is used to Z, a mark① symbol will be added.
③④
Represents production lot number
01~09,10,11~99,0A~0Z,1A~9Z,A0~Z9,AA~ZZ repeated.
(G,I,J,O,Q,W excluded)
*No character inversion used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com