Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7660IP.A Datasheet(PDF) 5 Page - Texas Instruments

Part # TL7660IP.A
Description  CMOS VOLTAGE CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7660IP.A Datasheet(HTML) 5 Page - Texas Instruments

  TL7660IP.A Datasheet HTML 1Page - Texas Instruments TL7660IP.A Datasheet HTML 2Page - Texas Instruments TL7660IP.A Datasheet HTML 3Page - Texas Instruments TL7660IP.A Datasheet HTML 4Page - Texas Instruments TL7660IP.A Datasheet HTML 5Page - Texas Instruments TL7660IP.A Datasheet HTML 6Page - Texas Instruments TL7660IP.A Datasheet HTML 7Page - Texas Instruments TL7660IP.A Datasheet HTML 8Page - Texas Instruments TL7660IP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
9
10
VCC – Supply Voltage – V
TA = 125°C
TA = 25°C
TA = –40°C
0
50
100
150
200
250
300
350
400
450
500
550
600
100
1000
10000
100000
fOSC – Oscillator Frequency – Hz
VCC = 5 V
TA = 25°C
IO = 10 mA
C
= 100 µF
OSC
C
= 10 µF
OSC
C
= 1 µF
OSC
100
1k
10k
100k
-2
-1.75
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
0
1
2
3
4
5
6
7
8
9
IL – Load Current – mA
VCC = 2 V
TA = 25°C
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0
5
10
15
20
25
30
35
40
IL – Load Current – mA
VCC = 5 V
TA = 25°C
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
TYPICAL CHARACTERISTICS (continued)
OUTPUT RESISTANCE
OUTPUT RESISTANCE
vs
vs
SUPPLY VOLTAGE
OSCILLATOR FREQUENCY
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com