Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1549IP Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC1549IP
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC1549IP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC1549IP Datasheet HTML 9Page - Texas Instruments TLC1549IP Datasheet HTML 10Page - Texas Instruments TLC1549IP Datasheet HTML 11Page - Texas Instruments TLC1549IP Datasheet HTML 12Page - Texas Instruments TLC1549IP Datasheet HTML 13Page - Texas Instruments TLC1549IP Datasheet HTML 14Page - Texas Instruments TLC1549IP Datasheet HTML 15Page - Texas Instruments TLC1549IP Datasheet HTML 16Page - Texas Instruments TLC1549IP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TLC1549C, TLC1549I, TLC1549M
10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS059C – DECEMBER 1992 – REVISED MARCH 1995
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
1000000000
0111111111
0000000010
0000000001
0000000000
1111111110
0
0.0096
2.4528
2.4576
2.4624
1000000001
1111111101
1111111111
4.9056
4.9104
4.9152
512
511
2
1
0
1022
513
1021
1023
VI – Analog Input Voltage – V
VZT =VZS + 1/2 LSB
VZS
See Notes A and B
0.0048
VFT = VFS – 1/2 LSB
VFS
NOTES: A. This curve is based on the assumption that Vref + and Vref – have been adjusted so that the voltage at the transition from digital 0
to 1 (VZT) is 0.0024 V and the transition to full scale (VFT) is 4.908 V. 1 LSB = 4.8 mV.
B. The full-scale value (VFS) is the step whose nominal midstep value has the highest absolute value. The zero-scale value (VZS) is
the step whose nominal midstep value equals zero.
Figure 12. Ideal Conversion Characteristics
Processor
Control
Circuit
To Source
Ground
5-V DC Regulated
Analog Input
ANALOG IN
I/O CLOCK
CS
DATA OUT
REF+
REF –
GND
TLC1549
Figure 13. Typical Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com