Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6414 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6414
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6414 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6414 Datasheet HTML 1Page - Torex Semiconductor XC6414 Datasheet HTML 2Page - Torex Semiconductor XC6414 Datasheet HTML 3Page - Torex Semiconductor XC6414 Datasheet HTML 4Page - Torex Semiconductor XC6414 Datasheet HTML 5Page - Torex Semiconductor XC6414 Datasheet HTML 6Page - Torex Semiconductor XC6414 Datasheet HTML 7Page - Torex Semiconductor XC6414 Datasheet HTML 8Page - Torex Semiconductor XC6414 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/20
XC6413/XC6414 Series
PIN NUMBER
SOT-25
SOT-89-5
USP-6B
PIN NAME
FUNCTION
1
1
3
VIN
Power Input
2
2
5
VSS
Ground
3
5
1
EN
VR ON / OFF Control
3
5
1
CE
ON / OFF Control
3
5
1
VSEN
VD Monitoring
3
5
1
Cd
Delay Capacitor Connection
4
4
6
VDOUT
VD Output
5
5
4
VROUT
VR Output
-
-
2
NC
No connection
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
*The dissipation pad for the USP-6B
package
should
be
solder-plated
in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release. If the pad needs
to be connected to other pins, it should be
connected to the VSS (No. 5) pin.
USP-6B (BOTTOM VIEW)
VSS
VROUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com