Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC25M2ACD Datasheet(PDF) 20 Page - Texas Instruments

Part # TLC25M2ACD
Description  LinCMOS DUAL OPERATIONAL AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC25M2ACD Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC25M2ACD Datasheet HTML 16Page - Texas Instruments TLC25M2ACD Datasheet HTML 17Page - Texas Instruments TLC25M2ACD Datasheet HTML 18Page - Texas Instruments TLC25M2ACD Datasheet HTML 19Page - Texas Instruments TLC25M2ACD Datasheet HTML 20Page - Texas Instruments TLC25M2ACD Datasheet HTML 21Page - Texas Instruments TLC25M2ACD Datasheet HTML 22Page - Texas Instruments TLC25M2ACD Datasheet HTML 23Page - Texas Instruments TLC25M2ACD Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
TLC252, TLC252A, TLC252B, TLC252Y, TLC25L2, TLC25L2A, TLC25L2B
TLC25L2Y, TLC25M2, TLC25M2A, TLC25M2B, TLC25M2Y
LinCMOS
 DUAL OPERATIONAL AMPLIFIERS
SLOS002I – JUNE 1983 – REVISED MARCH 2001
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
latch-up avoidance
Junction-isolated CMOS circuits have an inherent parasitic PNPN structure that can function as an SCR. Under
certain conditions, this SCR may be triggered into a low-impedance state, resulting in excessive supply current.
To avoid such conditions, no voltage greater than 0.3 V beyond the supply rails should be applied to any pin.
In general, the operational amplifier supplies should be applied simultaneously with, or before, application of
any input signals.
output stage considerations
The amplifier’s output stage consists of a source-follower-connected pullup transistor and an open-drain
pulldown transistor. The high-level output voltage (VOH) is virtually independent of the IDD selection and
increases with higher values of VDD and reduced output loading. The low-level output voltage (VOL) decreases
with reduced output current and higher input common-mode voltage. With no load, VOL is essentially equal to
the potential of VDD–/GND.
supply configurations
Even though the TLC252 / 25_2C series is characterized for single-supply operation, it can be used effectively
in a split-supply configuration if the input common-mode voltage (VICR), output swing (VOL and VOH), and supply
voltage limits are not exceeded.
circuit layout precautions
The user is cautioned that whenever extremely high circuit impedances are used, care must be exercised in
layout, construction, board cleanliness, and supply filtering to avoid hum and noise pickup, as well as excessive
dc leakages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com