Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWL283 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWL283
Description  SmartLED짰 0603 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWL283 Datasheet(HTML) 1 Page - OSRAM GmbH

  LWL283 Datasheet HTML 1Page - OSRAM GmbH LWL283 Datasheet HTML 2Page - OSRAM GmbH LWL283 Datasheet HTML 3Page - OSRAM GmbH LWL283 Datasheet HTML 4Page - OSRAM GmbH LWL283 Datasheet HTML 5Page - OSRAM GmbH LWL283 Datasheet HTML 6Page - OSRAM GmbH LWL283 Datasheet HTML 7Page - OSRAM GmbH LWL283 Datasheet HTML 8Page - OSRAM GmbH LWL283 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LW L283
SmartLED
® 0603
White Hyper-Bright LED
Lead (Pb) Free Product - RoHS Compliant
2007-08-10
1
Besondere Merkmale
• Gehäusetyp: SMT Gehäuse 0603, farbiger
diffuser Verguss
• Besonderheit des Bauteils: kleinste Bauform
1,7 x 0,8 x 0,65 mm (LxBxH) mit
0603 Footprint
• Farbort: x = 0,32, y = 0,31 nach
CIE 1931 (weiß)
• typische Farbtemperatur: 6200 K
• Farbwiedergabeindex: 80
• Abstrahlwinkel: horizontal 170°, vertikal 130°
• Technologie: InGaN
• optischer Wirkungsgrad: 14 lm/W
• Gruppierungsparameter: Lichtstärke,
Farbort, Durchlassspannung
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten und
Wellenlöten (TTW)
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 8-mm Gurt mit 5.000/Rolle,
ø180 mm
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
Anwendungen
• flache Hinterleuchtung (LCD, Mobile Phone,
Schalter, Display)
• Spielsachen
• Signal- und Symbolleuchten
• Markierungsbeleuchtung (Stufen, Fluchtwege
u. ä.)
Features
• package: SMT package 0603, colored diffused
resin
• feature of the device: smallest
package 1.7 x 0.8 x 0.65 mm (LxWxH) with
0603 Footprint
• color coordinates: x = 0.32, y = 0.31 acc. to
CIE 1931 (white)
• typ. color temperature: 6200 K
• color reproduction index: 80
• viewing angle: horizontal 170°, vertical 130°
• technology: InGaN
• optical efficiency: 14 lm/W
• grouping parameter: luminous intensity, color
coordinates, forward voltage
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering and
TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 5,000/reel, ø180 mm
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
Applications
• flat backlighting (LCD, cellular phones,
switches, displays)
•toys
• signal and symbol luminary
• marker lights (e.g. steps, exit ways, etc.)


Similar Part No. - LWL283

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWL283-P2R1-3K8L-1 OSRAM-LWL283-P2R1-3K8L-1 Datasheet
525Kb / 23P
SMARTLED 0603
LWL283-P2R1-3K8L-1 OSRAM-LWL283-P2R1-3K8L-1 Datasheet
525Kb / 23P
LCD Backlighting
LWL283-Q1R2-3K8L-1 OSRAM-LWL283-Q1R2-3K8L-1 Datasheet
525Kb / 23P
SMARTLED 0603
LWL283-Q1R2-3K8L-1 OSRAM-LWL283-Q1R2-3K8L-1 Datasheet
525Kb / 23P
LCD Backlighting
LWL283 OSRAM-LWL283_15 Datasheet
525Kb / 23P
LCD Backlighting
More results

Similar Description - LWL283

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWQ183 OSRAM-LWQ183 Datasheet
559Kb / 16P
Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LGL29K OSRAM-LGL29K Datasheet
225Kb / 14P
SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LPL296 OSRAM-LPL296 Datasheet
496Kb / 14P
SmartLED짰 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LSL29K OSRAM-LSL29K Datasheet
228Kb / 14P
SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LSL296 OSRAM-LSL296 Datasheet
246Kb / 15P
SmartLED짰 0603 Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWV18C OSRAM-LWV18C Datasheet
582Kb / 15P
FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LWV28G OSRAM-LWV28G Datasheet
610Kb / 16P
FIREFLY짰 White Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
Q65110A1900 OSRAM-Q65110A1900 Datasheet
366Kb / 15P
Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LOR976-PS-1 OSRAM-LOR976-PS-1 Datasheet
406Kb / 14P
Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
LYR976-Z OSRAM-LYR976-Z Datasheet
487Kb / 14P
Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com