Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2-2134 Datasheet(PDF) 2 Page - ABB

Part # KA2-2134
Description  LED bulb
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

KA2-2134 Datasheet(HTML) 2 Page - ABB

  KA2-2134 Datasheet HTML 1Page - ABB KA2-2134 Datasheet HTML 2Page - ABB KA2-2134 Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LED and filament bulbs
Accessory Type
Blue
Color
Illuminated
Illumination
LED
Lamp Type
220-350 P34
Luminance
KA2
Product Main Type
LED bulb
Product Name
Compact and Modular range
Product Range
KA
Product Type
4-6 mA
Rated Current (In)
110-130 2G
Rated Operational Voltage
0609 3
RoHS Date
25000 HUR
Service Life
Choose the same colour for the LED and the lamp cap ore else use a clear lamp cap.
Suitable For
470 C45
Wave Length
Additional Information
1SFC151007C02__
Data Sheet, Technical Information
2CMT2015-005456
Declaration of Conformity - CE
1SFC151005D0201
Environmental Information
1SFC151011M0201
Instructions and Manuals
2CMT2015-005456
RoHS Information
Certificates and Declarations (Document Number)
—
EC002024 - Accessories for control circuit devices
ETIM 4
EC002024 - Accessories for control circuit devices
ETIM 5
EC001019 - Single LED
ETIM 6
EC001019 - Single LED
ETIM 7
E
Object Classification Code
39121500
UNSPSC
5. Small Equipment (No External Dimension More Than 50 cm)
WEEE Category
Classifications
—
Low Voltage Products and Systems → Control Products → Pilot Devices → Accessories
Categories
—
2
KA2-2134



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com