Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIBRA Datasheet(PDF) 3 Page - Coherent Corp

Part # LIBRA
Description  One-Box, Ultra-Stable, kHz Repetition- Rate, Ti:Sapphire Amplifier System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

LIBRA Datasheet(HTML) 3 Page - Coherent Corp

  LIBRA Datasheet HTML 1Page - Coherent Corp LIBRA Datasheet HTML 2Page - Coherent Corp LIBRA Datasheet HTML 3Page - Coherent Corp LIBRA Datasheet HTML 4Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Libra Datasheet
Typical Libra-HE Power Stability >14 hours,
800 nm and 266 nm simultaneously
Typical Energy Stability
0.13% rms 120k shots
Typical Warm-Up
Stable Power after 15 min. 800 nm and 266 nm
TYPICAL PERFORMANCE DATA
0
0.5
1.0
1.5
2.0
2.5
3.0
70
72
74
76
78
80
82
84
0
Elapsed Time (hours)
2468
10
12
14
Libra-HE THG Power
Libra-HE IR Power
Lab Temperature (°F)
Histogram of 1000 Hz Data Set #5
0
4000
500
1000
1500
2000
2500
3000
3500
Time (hours)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
00.25
4.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
IR Power
0.05
0.10.150.2
THG Power



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com