Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591 03 Datasheet(PDF) 11 Page - Legrand North America, LLC

Part # 591 03
Description  IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEGRAND [Legrand North America, LLC]
Direct Link  https://www.legrand.us/
Logo LEGRAND - Legrand North America, LLC

591 03 Datasheet(HTML) 11 Page - Legrand North America, LLC

Back Button 591 03 Datasheet HTML 6Page - Legrand North America, LLC 591 03 Datasheet HTML 7Page - Legrand North America, LLC 591 03 Datasheet HTML 8Page - Legrand North America, LLC 591 03 Datasheet HTML 9Page - Legrand North America, LLC 591 03 Datasheet HTML 10Page - Legrand North America, LLC 591 03 Datasheet HTML 11Page - Legrand North America, LLC 591 03 Datasheet HTML 12Page - Legrand North America, LLC 591 03 Datasheet HTML 13Page - Legrand North America, LLC 591 03 Datasheet HTML 14Page - Legrand North America, LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
Cat. Nos. : 519 XX - 520 XX - 521 XX - 522 XX - 523 XX - 524 XX
525 XX - 527 XX - 528 XX - 529 XX - 535 XX - 536 XX
537 XX - 538 XX - 539 XX - 591 XX
IP 44 and IP 66/67 plugs, mobile sockets,
socket outlets and appliance inlets
3. DIMENIONS (continued)
Plastic and/or metal panel appliance inlets LV 16/32A IP44
Ø T
Ø D
B
I
50
D
F
Material
Wt
Drill holes
Dimensions
(kg)
A
B
øT
øD
G
H
C
D
E
F
I
LV 16 A
2 P +
T
Plastic 0.140
94
62
4.5
40
-
-
104
72
121
78
6
Metal
0.530
3 P +
T
Plastic 0.160
109
83
4.5
40
-
-
120
94
135
86
6
Metal
0.630
3 P + N +
T
Plastic 0.190
109
83
4.5
40
-
-
120
94
139
86
6
Metal
0.690
LV 32 A
2 P +
T
Plastic 0.280
149
90
5.5
40
-
-
160
101
176
111
6
Metal
0.950
3 P +
T
Plastic 0.280
149
90
5.5
40
-
-
160
101
176
111
6
Metal
0.950
3 P + N +
T
Plastic 0.320
149
90
5.5
40
-
-
160
101
174
108
6
Metal
1.000
LV 63 A
2 P +
T
Plastic 0.560 163
93
6.5
80
42
62
183
113
221
120
8
3 P +
T
Plastic 0.630
163
93
6.5
80
42
62
183
113
221
120
8
Metal
2.230
3 P + N +
T
Plastic 0.690
163
93
6,5
80
42
62
183
113
221
120
8
Metal
2.450
IP 66/67 LV 63A plastic straight appliance inlets IP 66/67 LV 63A
Weight
(kg)
2P +
T
0.490
3P +
T
0.548
3 P+N+
T
0.610
Ø 80 to Ø 95
Ø 5.6
77
==
114.3
97
38
Drilling
IP66/67 LV 125A straight appliance inlets
146
21
122
124
=
=
Ø 6.5
Ø 100 to Ø 120
Weight (kg)
3 P +
T
1.00
3 P + N +
T 1.15
Drilling
Plastic IP 66/67 LV 125A surface appliance inlets
170
Fix.152
70
230
40
40
290
53
M40
M40
Ø 6,3
Weight (kg)
3 P +
T
2.6
3 P + N +
T
2.7
Nota : The surface mounting appliance inlets are achieved with the
assembling of the panel appliance inlets and the box.
(See dimension on next page).
Technical sheet : F00138EN/01
Updated : 05/03/2007
Created : 22/01/2004
Nb : Can be fixed on the box 538 89.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com