Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F527 Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC16F527
Description  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F527 Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC16F527 Datasheet HTML 64Page - Microchip Technology PIC16F527 Datasheet HTML 65Page - Microchip Technology PIC16F527 Datasheet HTML 66Page - Microchip Technology PIC16F527 Datasheet HTML 67Page - Microchip Technology PIC16F527 Datasheet HTML 68Page - Microchip Technology PIC16F527 Datasheet HTML 69Page - Microchip Technology PIC16F527 Datasheet HTML 70Page - Microchip Technology PIC16F527 Datasheet HTML 71Page - Microchip Technology PIC16F527 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 134 page
background image
PIC16F527
DS40001652C-page 68
 2012-2014 Microchip Technology Inc.
REGISTER 12-1:
OPACON: OP AMP CONTROL REGISTER
12.2
Effects of a Reset
A device Reset forces all registers to their Reset state.
This disables both op amps.
12.3
OPA Module Performance
Common AC and DC performance specifications for
the OPA module:
• Common Mode Voltage Range
• Leakage Current
• Input Offset Voltage
• Open Loop Gain
• Gain Bandwidth Product (GBWP)
Common mode voltage range is the specified voltage
range for the OP+ and OP- inputs, for which the OPA
module will perform to within its specifications. The
OPA module is designed to operate with input voltages
between 0 and VDD-1.5V. Behavior for common mode
voltages greater than VDD-1.5V, or below 0V, are
beyond the normal operating range.
Leakage current is a measure of the small source or
sink currents on the OP+ and OP- inputs. To minimize
the effect of leakage currents, the effective impedances
connected to the OP+ and OP- inputs should be kept
as small as possible and equal.
Input offset voltage is a measure of the voltage differ-
ence between the OP+ and OP- inputs in a closed loop
circuit with the OPA in its linear region. The offset volt-
age will appear as a DC offset in the output equal to the
input offset voltage, multiplied by the gain of the circuit.
The input offset voltage is also affected by the common
mode voltage.
Open loop gain is the ratio of the output voltage to the
differential input voltage, (OP+) - (OP-). The gain is
greatest at DC and falls off with frequency.
Gain Bandwidth Product or GBWP is the frequency
at which the open loop gain falls off to 0 dB.
12.4
Effects of Sleep
When enabled, the op amps continue to operate and
consume current while the processor is in Sleep mode.
TABLE 12-1:
REGISTERS ASSOCIATED WITH THE OPA MODULE
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
OPA2ON
OPA1ON
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented: Read as ‘0’
bit 1
OPA2ON: Op Amp Enable bit
1 = Op amp 2 is enabled
0 = Op amp 2 is disabled
bit 0
OPA1ON: Op Amp Enable bit
1 = Op amp 1 is enabled
0 = Op amp 1 is disabled
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
page
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
30
OPACON
—
—
—
—
—
—OPA2ON OPA1ON
68
TRIS
I/O Control Registers (TRISA, TRISB, TRISC)
—
Legend: x = unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used for the OPA
module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com