Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F752 Datasheet(PDF) 176 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 176 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 172Page - Microchip Technology PIC12F752 Datasheet HTML 173Page - Microchip Technology PIC12F752 Datasheet HTML 174Page - Microchip Technology PIC12F752 Datasheet HTML 175Page - Microchip Technology PIC12F752 Datasheet HTML 176Page - Microchip Technology PIC12F752 Datasheet HTML 177Page - Microchip Technology PIC12F752 Datasheet HTML 178Page - Microchip Technology PIC12F752 Datasheet HTML 179Page - Microchip Technology PIC12F752 Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 176
 2013-2015 Microchip Technology Inc.
22.2
DC Characteristics
TABLE 22-1:
SUPPLY VOLTAGE
PIC16F753
Standard Operating Conditions (unless otherwise stated)
PIC16HV753
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
D001
VDD
Supply Voltage
VDDMIN
VDDMAX
2.0
—
5.5
V
FOSC
 8 MHz
3.0
—
5.5
V
FOSC
 10 MHz
4.5
—
5.5
V
FOSC
 20 MHz
D001
2.0
—
5.0
V
FOSC
 8 MHz(2)
3.0
—
5.0
V
FOSC
 10 MHz(2)
4.5
—
5.0
V
FOSC
 20 MHz(2)
D002*
VDR
RAM Data Retention Voltage(1)
1.5
—
—
V
Device in Sleep mode
D002
1.5
—
—
V
Device in Sleep mode
D003*
VPOR
VDD Start Voltage to ensure internal Power-on Reset signal
—1.6
—
V
D003
—
1.6
—
V
D004*
SVDD
VDD Rise Rate to ensure VDD Rise Rate internal Power-on Reset signal
0.05
—
—
V/ms See Table 19-1 for details.
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
2:
On the PIC16HV753, VDD is regulated by a Shunt Regulator and is dependent on series resistor
(connected between the unregulated supply voltage and the VDD pin) to limit the current to 50 mA. See
Section 20.0 “Shunt Regulator (PIC16HV753 Only)” for design requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com