Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F752 Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 30Page - Microchip Technology PIC12F752 Datasheet HTML 31Page - Microchip Technology PIC12F752 Datasheet HTML 32Page - Microchip Technology PIC12F752 Datasheet HTML 33Page - Microchip Technology PIC12F752 Datasheet HTML 34Page - Microchip Technology PIC12F752 Datasheet HTML 35Page - Microchip Technology PIC12F752 Datasheet HTML 36Page - Microchip Technology PIC12F752 Datasheet HTML 37Page - Microchip Technology PIC12F752 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 34
 2013-2015 Microchip Technology Inc.
4.0
OSCILLATOR MODULE
4.1
Overview
The oscillator module has a variety of clock sources
and selection features that allow it to be used in a wide
range of applications while maximizing performance
and
minimizing
power
consumption.
Figure 4-1
illustrates a block diagram of the oscillator module.
The oscillator module can be configured in one of two
clock modes.
1.
EC (external clock)
2.
INTOSC (internal oscillator)
Clock Source modes are configured by the FOSC bit in
the Configuration Word register (CONFIG).
The internal oscillator module provides the following
selectable system clock modes:
• 8 MHz (HFINTOSC)
• 4 MHz (HFINTOSC Postscaler)
• 1 MHz (HFINTOSC Postscaler)
• 31 kHz (LFINTOSC)
FIGURE 4-1:
PIC® MCU CLOCK SOURCE BLOCK DIAGRAM
FIGURE 4-2:
OSCILLATOR ENABLE
(CPU and
CLKIN
EC
System Clock
FOSC
Internal Oscillator
HFINTOSC
8 MHz
LFINTOSC
31 kHz
Prescaler
÷1
÷2
÷8
0
1
IRCF<1:0>
00
01
10
11
COG Clock Source
HFINTOSC Enable
(Figure 4-2)
WDT Clock Source
LFINTOSC Enable
(Figure 4-2)
Peripherals)
EC Enable
(Figure 4-2)
FOSC0
Sleep
HFINTOSC Enable
IRCF<1:0>
 00
FOSC0
Sleep
EC Enable
FOSC0
Sleep
LFINTOSC Enable
IRCF<1:0> = 00
WDTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com