Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC12F752 Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 135Page - Microchip Technology PIC12F752 Datasheet HTML 136Page - Microchip Technology PIC12F752 Datasheet HTML 137Page - Microchip Technology PIC12F752 Datasheet HTML 138Page - Microchip Technology PIC12F752 Datasheet HTML 139Page - Microchip Technology PIC12F752 Datasheet HTML 140Page - Microchip Technology PIC12F752 Datasheet HTML 141Page - Microchip Technology PIC12F752 Datasheet HTML 142Page - Microchip Technology PIC12F752 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 139
PIC16F753/HV753
TABLE 17-2:
SUMMARY OF REGISTERS ASSOCIATED WITH THE SC MODULE
TABLE 17-1:
SLOPE COMPENSATOR CURRENT SETTINGS
SC1ISET Value
Current Setting
(uA)
Slope Value
(V/us)
SC1ISET Value
Current Setting
(uA)
Slope Value
(V/us)
0h
2
0.2
10h
10
1.0
1h
2.5
0.25
11h
11
1.1
2h
3
0.3
12h
12
1.2
3h
3.5
0.35
13h
13
1.3
4h
4
0.4
14h
14
1.4
5h
4.5
0.45
15h
15
1.5
6h
5
0.5
16h
16
1.6
7h
5.5
0.55
17h
17
1.7
8h
6
0.6
18h
18
1.8
9h
6.5
0.65
19h
19
1.9
Ah
7
0.7
1Ah
20
2.0
Bh
7.5
0.75
1Bh
21
2.1
Ch
8
0.8
1Ch
22
2.2
Dh
8.5
0.85
1Dh
23
2.3
Eh
9
0.9
1Eh
24
2.4
Fh
9.5
0.95
1Fh
25
2.5
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
SLPCCON0
SC1EN
—
—
SC1POL
SC1TSS<1:0>
—SC1INS
138
SLPCCON1
—
—
—
SC1RNG
SC1ISET<3:0>
138
PORTC
—
—
RC5
RC4
RC3
RC2
RC1
RC0
49
TRISC
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
49
ANSELC
—
—
—
—
ANSC3
ANSC2
ANSC1
ANSC0
50
WPUC
—
—
WPUC5
WPUC4
WPUC3
WPUC2
WPUC1
WPUC0
51
Legend:
— = unimplemented, read as ‘0’. Shaded cells are unused by the slope compensation module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com