Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9201CCCAL Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9201CCCAL
Description  PWM Controlled Step-Down DC/DC Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9201CCCAL Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC9201CCCAL Datasheet HTML 3Page - Torex Semiconductor XC9201CCCAL Datasheet HTML 4Page - Torex Semiconductor XC9201CCCAL Datasheet HTML 5Page - Torex Semiconductor XC9201CCCAL Datasheet HTML 6Page - Torex Semiconductor XC9201CCCAL Datasheet HTML 7Page - Torex Semiconductor XC9201CCCAL Datasheet HTML 8Page - Torex Semiconductor XC9201CCCAL Datasheet HTML 9Page - Torex Semiconductor XC9201CCCAL Datasheet HTML 10Page - Torex Semiconductor XC9201CCCAL Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/24
XC9201
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUITS
Output Voltage
VOUT
IOUT=300mA
0.8775 0.9000 0.9225
V
①
Maximum
Operating Voltage
VINmax
20
-
-
V
①
Minimum
Operating Voltage
VINmin
-
-
2.200
V
①
U.V.L.O. Voltage
VUVLO
EXT voltage = High
1.0
1.4
2.0
V
⑤
Supply Current 1
IDD1
VIN=4.0V, CE=VIN=FB
-
115
220
μ
A
②
Supply Current 2
IDD2
VIN=20.0V, CE=VIN, FB=VSS
-
130
235
μ
A
②
Stand-by Current
ISTB
VIN=4.0V, CE=FB=VSS
-
0.5
2.0
μ
A
②
CLK
Oscillation Frequency
FOSC
RT=10.0kΩ, CT=220pF
280
330
380
kHz
③
Frequency Input Stability
Δ
FOSC
Δ
VIN・FOSC
VIN=2.5V~20V
-
±
5
-
%
③
Frequency
Temperature Fluctuation
Δ
FOSC
Δ
TOPR・FOSC
VIN=4.0V
Topr=-40~+85℃
-
±
5
-
%
③
Maximum Duty Cycle
MAXDTY
FB=VSS
100
-
-
%
④
Minimum Duty Cycle
MINDTY
FB=VIN
-
-
0
%
④
Current Limiter Voltage
ILIM
VIN pin voltage - ISEN pin voltage
90
150
220
mV
⑥
ISEN Current
IISEN
VIN=4.0V, ISEN=4.0V
4.5
7
13
μ
A
⑥
CE "High" Current
ICEH
CE=VIN=20.0V, VOUT=0V
-0.1
0
0.1
μ
A
⑤
CE "Low" Current
ICEL
CE=0V, VIN=20.0V, VOUT=0V
-0.1
0
0.1
μ
A
⑤
CE "High" Voltage
VCEH
CLK Oscillation start,
VOUT =0V, CE:Voltage applied
0.6
-
-
V
⑤
CE "Low" Voltage
VCEL
CLK Oscillation stop,
VOUT=0V, CE:Voltage applied
-
-
0.2
V
⑤
EXT "High"
ON Resistance
REXTH
EXT=VIN-0.4V,
CE=FB=VIN (*1)
-
27
40
Ω
④
EXT "Low"
ON Resistance
REXTL
EXT=0.4V, CE=VIN, FB=VSS (*1)
-
24
34
Ω
④
Efficiency
(*2)
EFFI
-
93
-
%
①
Soft-start Time
Tss
Connect Css and Rss,
CE : 0V→4.0V
5
10
20
ms
①
CC/GAIN Pin
Output Impedance
RCCGAIN
-
400
-
kΩ
⑦
■
ELECTRICAL CHARACTERISTICS (Continued)
XC9201D09AKR
Unless otherwise stated, VIN=4.0V
NOTE:
*1: On resistance = 0.4V / measurement current
*2: EFFI = {[(output voltage) x (output current)] / [(input voltage) x (input current)]} x 100
*3: The capacity range of the condenser used to set the external CLK frequency is 180 ~ 300pF
Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com