| Electronic Components Datasheet Search |
|
PXP7010/03P/ST Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXP7010/03P/ST Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved. |
|
1 / 8 page ![]() 47 Buccaneer for Power 7000 Series Buccaneer The all plastic and metal construction of the 7000 Series Buccaneer - circular connectors that combine the ease of use of a quick coupling mechanism with proven environmental sealing for signal and mains power. Designed and independently tested to IP66, IP68 & IP69K standards, they are ideal for applications where ingress of dust and water must be avoided and where ease of connection, space and appearance are important considerations. Less than 1/4 Turn locking mechanism Secure, quick connector mating and release Positive feedback on locking mechanism Confidence that connector is correctly mated and sealed IP66, IP68 and IP69K when mated Suitable for a wide range of dust and water borne environments All plastic body version; UL94-V0 rated, UV stable, halogen free Light-weight, self-extinguishing material suitable for long-term outdoor use Flex, flex in-line & panel mount body styles,with sealing caps Complete family of products maintain sealing integrity in all styles Polarisation and visual alignment features Aids the correct mating of connectors 2 to 32 poles – up to 25A, 600V rated Suitable for mains power to signal applications ‘Scoop proof’ contacts Prevents damage through mis-mating – ideal for ‘blind mating’ applications cULs, UL, VDE approvals Internationally recognised certification (pending) Screw, Crimp and Solder terminations available EN60068-2-52 Test Kb Salt Mist (Cyclic) Marine Severity Level 1 |
Similar Part No. - PXP7010/03P/ST |
|
Similar Description - PXP7010/03P/ST |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |