Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXP7010/03S/ST Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # PXP7010/03S/ST
Description  7000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP7010/03S/ST Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  PXP7010/03S/ST Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP7010/03S/ST Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP7010/03S/ST Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP7010/03S/ST Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP7010/03S/ST Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP7010/03S/ST Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXP7010/03S/ST Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXP7010/03S/ST Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
51 Buccaneer for Power
Accessories
BUCCANEER FOR POWER
7000 Series Buccaneer
Sealing Caps
Sealing Caps
Cable Gland Packs
PXP7082
PXP7081
PXM7082 PXM7081 PXM7083
PXP7088/ *
Maintains IP rating of unmat-
ed connectors
PXP7081: Fits PXP7010 (Flex
Connector)
PXP7082: Fits PXP7011
(FlexIn-Line Connector) and
PXP7012: (Panel Connector)
Maintains IP rating of unmat-
ed connectors
PXM7081: Fits PXM7010
(FlexConnector)
PXM7082: Fits PXM7011
(Flex In-Line Connector) and
PXP7012: (Panel Connector)
PXM7083: Fits PXM7012
(Panel Mounting Connector)
Packs of cable glands, cages
and gland nuts to suit cables
ranges from 5.0 to 15.0mm
diameter
PXP7088/0507: for cable
ranges between 5.0 and
7.0mm
PXP7088/0713: for cable
ranges between 7.0 and
13.0mm
PXP7088/1315: for cable
ranges between 13.0 and
15.0mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com