Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXP6010/16S/CR Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # PXP6010/16S/CR
Description  6000 Series Buccaneer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP6010/16S/CR Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  PXP6010/16S/CR Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP6010/16S/CR Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP6010/16S/CR Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP6010/16S/CR Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP6010/16S/CR Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP6010/16S/CR Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXP6010/16S/CR Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXP6010/16S/CR Datasheet HTML 8Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Buccaneer for Power 42
Accessories
BUCCANEER FOR POWER
6000 Series Buccaneer
Crimp / Solder Contacts
Crimp Tooling
Extraction Tool
Contact Carrier Removal Tool
2, 3, 8, 16 & 22 pole contacts
PNo 14232
PNo 14917
Gold Plated
Current ratings:
2 & 3 pole : 16A
8 pole : 10A
16 pole : 3A
22 pole : 2A
Crimp Tools for 2, 3, 8, 16
and 22 pole crimp contacts
Extraction Tool for 2, 3, 8, 16
and 22 pole contacts
For removal of all contact
carriers
Contacts (for 2 & 3 pole)
(Supplied in packs of 10)
Crimp Tooling
Extraction Tools
Tools
Contacts (for 8 pole)
(Supplied in packs of 10)
Contacts (for 16 & 22 pole)
(Supplied in packs of 10)
Crimp
Solder
Crimp
Solder
Crimp
Solder
Pins
Sockets
Crimp Tool (2 & 3 pole)
Positioner (2 & 3 pole)
Crimp Tool (8, 16 & 22 pole)
Positioner (8 pole)
Positioner (16 & 22 pole)
Extraction Tool
(2 & 3 pole)
Extraction Tool
(8 pole)
Extraction Tool
(16 & 22 pole)
Contact carrier removal tool
(all poles)
Pins
Sockets
Pins
Sockets
SA3545/P
SA3545/S
SA3624/P
SA3624/S
PNo.14232
PNo.14232/2/SP
PNo.14025
PNo.15021/SP
PNo.15019/SP
PNo.14946/SP
PNo.14945/SP
PNo.14944/SP
PNo. 14917/SP
SA3544/P
SA3544/S
SA3623/P
SA3623/S
SA3542/P
SA3542/S
SA3622/P
SA3622/S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com