Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT03A Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74VHCT03A
Description  QUAD 2-INPUT OPEN DRAIN NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT03A Datasheet(HTML) 3 Page - STMicroelectronics

  74VHCT03A Datasheet HTML 1Page - STMicroelectronics 74VHCT03A Datasheet HTML 2Page - STMicroelectronics 74VHCT03A Datasheet HTML 3Page - STMicroelectronics 74VHCT03A Datasheet HTML 4Page - STMicroelectronics 74VHCT03A Datasheet HTML 5Page - STMicroelectronics 74VHCT03A Datasheet HTML 6Page - STMicroelectronics 74VHCT03A Datasheet HTML 7Page - STMicroelectronics 74VHCT03A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74VHCT03A
3/8
DC SPECIFICATIONS
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3ns)
(*) Voltage range is 5.0V
± 0.5V
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5 to
5.5
22
2
V
VIL
Low Level Input
Voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOL
Low Level Output
Voltage
4.5
IO=50 µA
0.0
0.1
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
0.44
IOZ
High Impedance
Output Leakage
Current
5.5
VI = VIH or VIL
VO = 0V to 5.5V
±0.25
± 2.5
± 2.5
µA
II
Input Leakage
Current
0 to
5.5
VI = 5.5V or GND
± 0.1
± 1.0
± 1.0
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
220
20
µA
ICC
Additional Worst
Case Supply
Current
5.5
One Input at 3.4V,
other input at VCC
or GND
1.35
1.5
1.5
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC (*)
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPZL
Propagation Delay
Time
5.0
15
3.9
5.1
1.0
6.0
1.0
6.0
ns
5.0
50
4.4
5.7
1.0
6.6
1.0
6.6
tPLZ
Propagation Delay
Time
5.0
50
7.5
9.8
1.0
11.3
1.0
11.3
ns
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.8
10
10
10
pF
COUT
Output
Capacitance
8.8
pF
CPD
Power Dissipation
Capacitance
(note 1)
6pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com