Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2821 Datasheet(PDF) 7 Page - Adafruit Industries

Part # 2821
Description  Adafruit Feather HUZZAH ESP8266
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2821 Datasheet(HTML) 7 Page - Adafruit Industries

Back Button 2821 Datasheet HTML 3Page - Adafruit Industries 2821 Datasheet HTML 4Page - Adafruit Industries 2821 Datasheet HTML 5Page - Adafruit Industries 2821 Datasheet HTML 6Page - Adafruit Industries 2821 Datasheet HTML 7Page - Adafruit Industries 2821 Datasheet HTML 8Page - Adafruit Industries 2821 Datasheet HTML 9Page - Adafruit Industries 2821 Datasheet HTML 10Page - Adafruit Industries 2821 Datasheet HTML 11Page - Adafruit Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Here's some handy specs!
Measures 2.0" x 0.9" x 0.28" (51mm x 23mm x 8mm) without headers soldered in
Light as a (large?) feather - 6 grams
ESP8266 @ 80MHz or 160 MHz with 3.3V logic/power
4MB of FLASH (32 MBit)
3.3V regulator with 500mA peak current output
CP2104 USB-Serial converter onboard with 921600 max baudrate for uploading
Auto-reset support for getting into bootload mode before firmware upload
9 GPIO pins - can also be used as I2C and SPI
1 x analog inputs 1.0V max
Built in 100mA lipoly charger with charging status indicator LED
Pin #0 red LED for general purpose blinking. Pin #2 blue LED for bootloading debug & general purpose blinking
Power/enable pin
4 mounting holes
Reset button
Comes fully assembled and tested, with a USB interface that lets you quickly use it with the Arduino IDE or NodeMCU
Lua. (It comes preprogrammed with the Lua interpretter) We also toss in some header so you can solder it in and plug
into a solderless breadboard. Lipoly battery and USB cable not included (but we do have lots of options in the shop if
you'd like!)
© Adafruit Industries
https://learn.adafruit.com/adafruit-feather-huzzah-esp8266
Page 7 of 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com