Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S303 Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S303
Description  GENERAL SPECIFICATIONS FOR S301 ~ S339
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S303 Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button S303 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S303 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. S303 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. S303 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. S303 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. S303 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. S303 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. S303 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. S303 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Series S
Medium/High Capacity Standard Size Toggles
www.nkk.com
A109
A
Notes: Standard Hardware: AT503M Face Hex Nut, AT506M Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
Optional Splashproof Boot Assemblies: AT401 & AT4181 boots plus hex nut & o-ring. See Accessories & Hardware section.
S32T
S31T does not have terminals 2, 5, & 8
S41T does not have terminals 2, 5, 8, & 11
Notes: Standard Hardware: AT503M Face Hex Nut, AT506M Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
Optional Splashproof Boot Assemblies: AT401 & AT4181 boots plus hex nut & o-ring. See Accessories & Hardware section.
S42T
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
Keyway
(38.0)
1.496
(17.5)
.689
(12.0)
.472
(29.6)
1.165
25°
(6.1) Dia
.240
M12 P1
(8.3)
.327
M3.5 x 5
(34.2)
1.346
9
3
2
1
10
11
5
4
6
8
7
12
(36.5)
1.437
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
Maximum
Panel Thickness:
.181” (4.6mm)
(30.0)
1.181
Keyway
(17.5)
.689
(12.0)
.472
(29.8)
1.173
25°
(6.1) Dia
.240
M12 P1
(7.5)
.295
M3.5 x 5
9
4
5
6
3
8
2
7
1
(33.8)
1.331
Maximum
Panel Thickness:
.181” (4.6mm)
THREE POLE WITH SCREW LUG
* UL, cULus & CSA recognized only when ordered
with marking on switch (see General Specs)
Toggle Position/Connected Terminals
Electrical Capacity
Model
*Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
AC 250V
PF 0.6
S31T
3PST
ON
1-3 4-6 7-9
NONE
OFF
—
25A
9A
20A
10A
5A
25°
S32T
3PDT
ON
2-3 5-6 8-9
NONE
ON 2-1 5-4 8-7
25A
9A
20A
10A
5A
25°
S33T
3PDT
ON
2-3 5-6 8-9
OFF
ON 2-1 5-4 8-7
25A
9A
20A
10A
5A
30°
Throw &
Schematics:
Keyway
Note: Terminal numbers
are on the switch
3PST
3PDT
2
5
(COM)
8
31
64 97
9
7
INTERNAL
CONNECTION
6
4
3
1
R
C
R
US
11
10
12
7
9
4
6
1
3
2
58
(COM)
9
7
INTERNAL
CONNECTION
6
4
3
1
12
10
4PST
4PDT
* UL, cULus & CSA recognized only when
ordered with marking on switch (see
General Specs)
Toggle Position/Connected Terminals
Electrical Capacity
Model
*Approvals
Pole
&
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC
125V
PF 0.6
AC
250V
PF 0.6
S41T
4PST ON 1-3 4-6 7-9 10-12 NONE OFF
—
25A
9A
20A
10A
5A
25°
S42T
4PDT ON 2-3 5-6 8-9 11-12 NONE ON 2-1 5-4 8-7 11-10 25A
9A
20A
10A
5A
25°
S43T
4PDT ON 2-3 5-6 8-9 11-12
OFF
ON 2-1 5-4 8-7 11-10 25A
9A
20A
10A
5A
30°
Throw &
Schematics:
Keyway
FOUR POLE WITH SCREW LUG
Note:
Terminal numbers
are on the switch
R
C
R
US



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com